Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7732-01TB Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7732-01TB
Description  Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01TB Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7732-01TB Datasheet HTML 9Page - OKI electronic componets MSM7732-01TB Datasheet HTML 10Page - OKI electronic componets MSM7732-01TB Datasheet HTML 11Page - OKI electronic componets MSM7732-01TB Datasheet HTML 12Page - OKI electronic componets MSM7732-01TB Datasheet HTML 13Page - OKI electronic componets MSM7732-01TB Datasheet HTML 14Page - OKI electronic componets MSM7732-01TB Datasheet HTML 15Page - OKI electronic componets MSM7732-01TB Datasheet HTML 16Page - OKI electronic componets MSM7732-01TB Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
13/29
AC Characteristics (Continued)
(VDD = 2.4 V to 3.3 V, Ta = –40°C to +85°C)
Condition
Parameter
Symbol
Freq.
(Hz)
Level
(dBm0)
Others
Min.
Typ.
Max.
Unit
NIDLT
—
AIN = SG
(*1)
—
—
–68
Idle Channel Noise
NIDLR
—
—
(*1,*2)
—
—
–72
dBm0p
AVT
GSX
0.285
0.320
(*3)
0.359
Vrms
Absolute Signal Amplitude
AVR
1020
0
VFRO 0.285
0.320
(*3)
0.359
Vrms
PSRRT
30
—
—
dB
Power Supply Noise Rejection
Ratio
PSRRR
Noise Freq:
0 to 50 kHz
Noise
Level:
50 mVpp
—
30
—
—
dB
tSDX
tSDR
0
—
200
ns
tXD1
tRD1
0
—
200
ns
tXD2
tRD2
0
—
200
ns
Digital Input/Output Timing PCM
Interface
tXD3
tRD3
—
1 LSTTL
+
100 pF
See
Fig. 5
0
—
200
ns
tM1
50
—
—
ns
tM2
50
—
—
ns
tM3
50
—
—
ns
tM4
50
—
—
ns
tM5
100
—
—
ns
tM6
50
—
—
ns
tM7
50
—
—
ns
tM8
0
—
100
ns
tM9
50
—
—
ns
tM10
50
—
—
ns
Serial Port Digital Input/Output
Setting Time
tM11
—
CL = 50 pF
See
Fig. 6
0
—
50
ns
Shift Clock Frequency
fEXCK
—
—
EXCK
—
—
10
MHz
*1
Use the P-message weighted filter.
*2
PCMIN input code "11010101"(A-law)
"11111111"(µ-law)
*3
0.320 Vrms = 0 dBm0 = –7.7 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com