Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7732-01TB Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7732-01TB
Description  Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01TB Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7732-01TB Datasheet HTML 2Page - OKI electronic componets MSM7732-01TB Datasheet HTML 3Page - OKI electronic componets MSM7732-01TB Datasheet HTML 4Page - OKI electronic componets MSM7732-01TB Datasheet HTML 5Page - OKI electronic componets MSM7732-01TB Datasheet HTML 6Page - OKI electronic componets MSM7732-01TB Datasheet HTML 7Page - OKI electronic componets MSM7732-01TB Datasheet HTML 8Page - OKI electronic componets MSM7732-01TB Datasheet HTML 9Page - OKI electronic componets MSM7732-01TB Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
6/29
PIN FUNCTIONAL DESCRIPTION
AIN+, AIN–, GSX
Transmit analog inputs and the output for transmit gain adjustment.
AIN– connects to inverting input of the internal transmit amplifier. AIN+ connects to non-inverting input of the
internal transmit amplifier. GSX connects to the internal transmit amplifier output. Refer to Figure 1 for gain
adjustment.
VFRO, SAO, AOUT+, AOUT–, PWI
Receive analog outputs and the outputs for receive gain adjustment.
VFRO is the receive filter output for the voice signal. SAO is the receive filter output for an acoustic component of
the sound tone. SAO can directly drive 32
Ω load. AOUT+ and AOUT– are differential analog signal outputs
which can directly drive a 32
Ω load. Refer to Figure 1.
Figure 1 Analog Input/Output Interface
AIN–
R2
R1
C1
Vi
+
–
10 µF
Transmit Gain:
VGSX/Vi
+
–
AIN+
GSX
SG
VREF
to ENCODER
SAO
VFRO
D/A
Conv.
–1
AOUT+
AOUT–
PWI
R3
R4
Sounder output signal
Vo = VVFRO (R3/R4)
×2
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com