Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7732-01TB Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM7732-01TB
Description  Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01TB Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM7732-01TB Datasheet HTML 10Page - OKI electronic componets MSM7732-01TB Datasheet HTML 11Page - OKI electronic componets MSM7732-01TB Datasheet HTML 12Page - OKI electronic componets MSM7732-01TB Datasheet HTML 13Page - OKI electronic componets MSM7732-01TB Datasheet HTML 14Page - OKI electronic componets MSM7732-01TB Datasheet HTML 15Page - OKI electronic componets MSM7732-01TB Datasheet HTML 16Page - OKI electronic componets MSM7732-01TB Datasheet HTML 17Page - OKI electronic componets MSM7732-01TB Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
14/29
AC Characteristics (DTMF and Other Tones)
(VDD = 2.4 V to 3.3 V, Ta = –40°C to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Frequency Difference
DFT
DTMF Tones, Other Tones
–1.5
—
+1.5
%
VTL
Transmit
Tones
DTMF (Low)
–18
–16
–14
dBm0
VTH
(Gain setting
0 dB)
DTMF (High) and
Other Tones
–16
–14
–12
dBm0
VRL
Receive
Tones
DTMF (Low)
–10
–8
–6
dBm0
Original (Reference) Tones
Signal Level *4
VRH
(Gain setting
–6 dB)
DTMF (High) and
Other Tones
–8
–6
–4
dBm0
Relative Level of DTMF Tones
RDTMF
VTH/VTL,VRH/VRL
+1
+2
+3
dB
*4
Does not include the setting value for the programmable gain.
AC Characteristics (Programmable Gain Stages)
(VDD = 2.4 V to 3.3 V, Ta = –40°C to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Gain Accuracy
DG
All gain stages, to programmed value
–1
0
+1
dB
AC Characteristics (Voice Detect Function)
(VDD = 2.4 V to 3.3 V, Ta = –40°C to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
TVON
—
5
—
ms
Voice Detection Time
TVOF
Silence>Voice
(Voice/Silence differential: 10 dB)
140
160
180
ms
Voice Detection Accuracy
DVX
For detection level set values by
CR6-B6, B5
–2.5
0
2.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com