Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7732-01TB Datasheet(PDF) 20 Page - OKI electronic componets

Part # MSM7732-01TB
Description  Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01TB Datasheet(HTML) 20 Page - OKI electronic componets

Back Button MSM7732-01TB Datasheet HTML 16Page - OKI electronic componets MSM7732-01TB Datasheet HTML 17Page - OKI electronic componets MSM7732-01TB Datasheet HTML 18Page - OKI electronic componets MSM7732-01TB Datasheet HTML 19Page - OKI electronic componets MSM7732-01TB Datasheet HTML 20Page - OKI electronic componets MSM7732-01TB Datasheet HTML 21Page - OKI electronic componets MSM7732-01TB Datasheet HTML 22Page - OKI electronic componets MSM7732-01TB Datasheet HTML 23Page - OKI electronic componets MSM7732-01TB Datasheet HTML 24Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
20/29
CR3 (Side tone and other tone generator gain setting)
B7
B6
B5
B4
B3
B2
B1
B0
CR3
Side Tone
GAIN2
Side Tone
GAIN1
Side Tone
GAIN0
TONE
ON/OFF
TONE
GAIN3
TONE
GAIN2
TONE
GAIN1
TONE
GAIN0
Initial Value
0
0
0
0
0
0
0
0
B7, B6, B5…………Side tone path gain setting, refer to Table 3.
B4………………… Tone generator enable; 0/Disable, 1/Enable
B3, B2, B1, B0…… Tone generator gain adjustment for receive side, refer to Table 4.
Table 3
B7
B6
B5
Side Tone Path Gain
0
0
0
OFF
0
0
1
–15 dB
0
1
0
–13 dB
0
1
1
–11 dB
1
0
0
–9 dB
1
0
1
–7 dB
1
1
0
–5 dB
1
1
1
–3 dB
Table 4
B3
B2
B1
B0
Tone Generator Gain
B3
B2
B1
B0
Tone Generator Gain
0
0
0
0
OFF
1
0
0
0
–20 dB
0
0
0
1
–34 dB
1
0
0
1
–18 dB
0
0
1
0
–32 dB
1
0
1
0
–16 dB
0
0
1
1
–30 dB
1
0
1
1
–14 dB
0
1
0
0
–28 dB
1
1
0
0
–12 dB
0
1
0
1
–26 dB
1
1
0
1
–10 dB
0
1
1
0
–24 dB
1
1
1
0
–8 dB
0
1
1
1
–22 dB
1
1
1
1
–6 dB
The tone generator gain setting table for the receive side, as shown in Table 4, depends upon the following
reference levels.
DTMF tones (low group):
–2 dBm0
DTMF tones (high group) and other tones:
0 dBm0
For example, when selecting –6 dB (B3, B2, B1, B0) = (1, 1, 1, 1) as a tone generator gain, the signal amplitude of
each DTMF tone on SAO or VFRO is as follows:
DTMF tones (low group):
–8 dBm0
DTMF tones (high group) and other tones:
–6 dBm0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com