Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7732-01TB Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM7732-01TB
Description  Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01TB Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM7732-01TB Datasheet HTML 7Page - OKI electronic componets MSM7732-01TB Datasheet HTML 8Page - OKI electronic componets MSM7732-01TB Datasheet HTML 9Page - OKI electronic componets MSM7732-01TB Datasheet HTML 10Page - OKI electronic componets MSM7732-01TB Datasheet HTML 11Page - OKI electronic componets MSM7732-01TB Datasheet HTML 12Page - OKI electronic componets MSM7732-01TB Datasheet HTML 13Page - OKI electronic componets MSM7732-01TB Datasheet HTML 14Page - OKI electronic componets MSM7732-01TB Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
11/29
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.4 V to 3.3 V, Ta = –40°C to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
IDD1
Operation Mode
No Signal (VDD = 3.0 V)
0
5.0
11.0
mA
IDD2
Operation Mode
No Signal (VDD = 3.0 V)
AOUT+, AOUT– or SAO is active
0
9.0
20.0
mA
Power Supply Current
IDD3
Power Down Mode
(VDD = 3.0 V, Ta = 25°C)
0
1.0
10
µA
IIH
VI = VDD
—
—
2.0
µA
Input Leakage Voltage
IIL
VI = 0 V
—
—
0.5
µA
Output High Voltage
VOH
IOH = 0.4 mA
0.5 x VDD
—
VDD
V
Output Low Voltage
VOL
IOL = –1.2 mA
0
0.2
0.4
V
Input Capacitance
CIN
—
—
5
—
pF
Analog Interface Characteristics
(VDD = 2.4 V to 3.3 V, Ta = –40°C to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Resistance
RINX
AMPAI, AIN+, AIN–, PWI
10
—
—
M
Ω
RLGX1
AMPAO, GSX, VFRO
20
—
—
k
Ω
Output Load Resistance
RLGX2
SAO, AOUT+, AOUT–
32
—
—
Ω
Output Load Capacitance
CLGX
Analog output pins
—
—
100
pF
VO1
AMPAO, GSX, VFRO RL = 20 k
Ω
SAO RL = 32
Ω
—
—
*
11.3
VPP
VO2
AOUT+, AOUT
–
Differential output VDD = 2.7 to 3.3 V
RL = 32
Ω
—
—
3.0
VPP
Output Amplitude
*
2VO3
AOUT+, AOUT
–
Differential output VDD = 3.0 V
RL = 30
Ω
—
—
3.98
VPP
THD1
SAO, AOUT+, AOUT–(VO1, VO2)
—
—
1.0
%
Total Harmonic Distortion
*
2THD2
AOUT+, AOUT– (VO3)
—
1.0
—
%
VOFGX1
AMPAO, GSX
–20
—
20
mV
Input Offset Voltage
VOFGX2
VFRO, SAO, AOUT+, AOUT–
–100
—
100
mV
SG Output Voltage
VSG
SG
—
1.4
—
V
SG Output Impedance
RSG
SG
—
40
80
k
Ω
Internal Switch ON Impedance
Rsw
All internal switches
—
—
300
Ω
*
1 –7.7 dBm (600Ω) = 0 dBm0 , +3.17 dBm0 = 1.3 VPP
*
2 Expected value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com