Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7732-01TB Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7732-01TB
Description  Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01TB Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7732-01TB Datasheet HTML 3Page - OKI electronic componets MSM7732-01TB Datasheet HTML 4Page - OKI electronic componets MSM7732-01TB Datasheet HTML 5Page - OKI electronic componets MSM7732-01TB Datasheet HTML 6Page - OKI electronic componets MSM7732-01TB Datasheet HTML 7Page - OKI electronic componets MSM7732-01TB Datasheet HTML 8Page - OKI electronic componets MSM7732-01TB Datasheet HTML 9Page - OKI electronic componets MSM7732-01TB Datasheet HTML 10Page - OKI electronic componets MSM7732-01TB Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
7/29
SG
Analog signal ground.
The output voltage of this pin is approximately 1.4 V. Put the bypass capacitors (10 µF in parallel with 0.1 µF
ceramic type) between this pin and AG to get the specified noise characteristics. During power-down, this output
voltage is 0 V.
AMPAI, AMPAO
Used for amplifier A. The pin AMPAI is connected to the amplifier A inverting input, and the pin AMPAO is
connected to the amplifier A output.
SWA, SWB, SWC
Used for the internal analog switch. The pin SWB connects to the pin SWA or the pin SWC. This is controlled by
CR1-B1.
SWD, SWE
Used for the internal analog switch. The pin SWD connects to the pin SWE or not. This is controlled by CR1-B2.
VDD, VA
+3 V power supply for analog. VDD is the digital power supply. VA is the analog power supply.
Since these pins are separated in the device, connect them as close as possible on the PCB.
DG, AG1, AG2
Ground. DG is the digital system ground. AG1 and AG2 are connected to the analog system ground.
The DG pin must be kept as close as possible to AG1 and AG2 on the PCB.
PDN
Power down and reset control input.
When set to digital “0”, the system changes to the power down state and control registers are reset. Since the power
down mode is controlled by a logical OR with CR0-B5 of the control register, set CR0-B5 to logic “0” when using
this pin.
Be sure to reset the control registers by executing this power down to keep this pin to digital “0” level for 200 ns or
longer after the power is turned on and VDD exceeds 2.4 V.
MCK
Master clock input.
The frequency must be 2.048 MHz. MCK can be asynchronous with SYNC and BCLK.
BCLK
Shift clock input for the PCM data.
The frequency is set in the range of 64 kHz to 2048 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com