Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7732-01TB Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM7732-01TB
Description  Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01TB Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM7732-01TB Datasheet HTML 5Page - OKI electronic componets MSM7732-01TB Datasheet HTML 6Page - OKI electronic componets MSM7732-01TB Datasheet HTML 7Page - OKI electronic componets MSM7732-01TB Datasheet HTML 8Page - OKI electronic componets MSM7732-01TB Datasheet HTML 9Page - OKI electronic componets MSM7732-01TB Datasheet HTML 10Page - OKI electronic componets MSM7732-01TB Datasheet HTML 11Page - OKI electronic componets MSM7732-01TB Datasheet HTML 12Page - OKI electronic componets MSM7732-01TB Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
9/29
DEN, EXCK, DIO
Serial control ports for MCU interface.
Reading and writing data is performed by an external MCU through these pins. Eight registers with eight bits are
provided on the devices.
DEN is the "Enable" control signal input, EXCK is the data shift clock input, and DIO is the address and data input
or output. Figure 3 shows the input or output timing diagram.
Figure 3 MCU Interface Input/Output Timing
Table 1 shows the register map.
Table 1
Address
Control and Detect Data
Name
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR0
0
0
0
A/µ SEL
PON
AOUT
PDN ALL PDN TX
PDN RX
SLP
SLP SEL
LNR
R/W
CR1
0
0
1
—
—
—
—
SHORT
FRAME
SW D/E
SW C/A
RX PAD
R/W
CR2
0
1
0
TX
ON/OFF
TX GAIN2 TX GAIN1 TX GAIN0
RX
ON/OFF
RX GAIN2 RX GAIN1 RX GAIN0
R/W
CR3
0
1
1
Side Tone
GAIN2
Side Tone
GAIN1
Side Tone
GAIN0
TONE
ON/OFF
TONE
GAIN3
TONE
GAIN2
TONE
GAIN1
TONE
GAIN0
R/W
CR4
1
0
0
DTMF/
OTHERS
SEL
TONE
SEND
SAO/
VFRO
TONE4
TONE3
TONE2
TONE1
TONE0
R/W
CR5
1
0
1
—
—
—
—
—
—
—
—
R/W
CR6
1
1
0
VOX
ON/OFF
ON LVL1 ON LVL0
—
—
—
—
—
R/W
CR7
1
1
1
VOX OUT
TX NOISE
LVL1
TX NOISE
LVL0
—
—
—
—
—
R
R/W : Read/Write enable
R : Read only register
(b) Read Data Timing Diagram
W
B0
B1
B2
B3
B4
B5
B6
B7
A0
A1
A2
(a) Write Data Timing Diagram
DIO
DEN
EXCK
R
A0
A1
A2
DIO
DEN
EXCK
B0
B1
B2
B3
B4
B5
B6
B7
input
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com