Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7732-01TB Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM7732-01TB
Description  Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01TB Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM7732-01TB Datasheet HTML 17Page - OKI electronic componets MSM7732-01TB Datasheet HTML 18Page - OKI electronic componets MSM7732-01TB Datasheet HTML 19Page - OKI electronic componets MSM7732-01TB Datasheet HTML 20Page - OKI electronic componets MSM7732-01TB Datasheet HTML 21Page - OKI electronic componets MSM7732-01TB Datasheet HTML 22Page - OKI electronic componets MSM7732-01TB Datasheet HTML 23Page - OKI electronic componets MSM7732-01TB Datasheet HTML 24Page - OKI electronic componets MSM7732-01TB Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
21/29
CR4 (Tone generator operating mode and frequency select)
B7
B6
B5
B4
B3
B2
B1
B0
CR4
DTMF/
Others SEL
TONE
SEND
SAO/
VFRO
TONE4
TONE3
TONE2
TONE1
TONE0
Initial Value
0
0
0
0
0
0
0
0
B7 …………………… DTMF or other tones select; 0/Others, 1/DTMF
B6 …………………… Tone transmit enable (transmit side); 0/Voice signal (transmit), 1/Tone transmit
B5 …………………… Tone output pin select (receive side); 0/VFRO, 1/SAO
B4, B3, B2, B1, B0 … Tone frequency setting, refer to Tables 5-1 and 5-2.
(a) B7 = 1 (DTMF tones)
Table 5-1
B4
B3
B2
B1
B0
Frequency
B4
B3
B2
B1
B0
Frequency
*
0
0
0
0
697 Hz + 1209 Hz
*
1
0
0
0
852 Hz + 1209 Hz
*
0
0
0
1
697 Hz + 1336 Hz
*
1
0
0
1
852 Hz + 1336 Hz
*
0
0
1
0
697 Hz + 1477 Hz
*
1
0
1
0
852 Hz + 1477 Hz
*
0
0
1
1
697 Hz + 1633 Hz
*
1
0
1
1
852 Hz + 1633 Hz
*
0
1
0
0
770 Hz + 1209 Hz
*
1
1
0
0
941 Hz + 1209 Hz
*
0
1
0
1
770 Hz + 1336 Hz
*
1
1
0
1
941 Hz + 1336 Hz
*
0
1
1
0
770 Hz + 1477 Hz
*
1
1
1
0
941 Hz + 1477 Hz
*
0
1
1
1
770 Hz + 1633 Hz
*
1
1
1
1
941 Hz + 1633 Hz
*Undefined
(b) B7 = 0 (Other tones)
Table 5-2
B4
B3
B2
B1
B0
Frequency
B4
B3
B2
B1
B0
Frequency
0
0
0
0
0
2730 Hz/2500 Hz
8 Hz wamble
1
0
0
0
0
1200 Hz
0
0
0
0
1
2000 Hz/2667 Hz
8 Hz wamble
1
0
0
0
1
1300 Hz
0
0
0
1
0
1000 Hz/1333 Hz
8 Hz wamble
100
1
0
—
0
0
0
1
1
—
1
0
0
1
1
1477 Hz
0
0
1
0
0
—
1
0
1
0
0
1633 Hz
0
0
1
0
1
—
1
0
1
0
1
2000 Hz
0
0
1
1
0
—
1
0
1
1
0
2100 Hz
0
0
1
1
1
—
1
0
1
1
1
—
0
1
0
0
0
—
1
1
0
0
0
2400 Hz
0
1
0
0
1
400 Hz
1
1
0
0
1
—
0
1
0
1
0
440 Hz
1
1
0
1
0
2500 Hz
0
1
0
1
1
480 Hz
1
1
0
1
1
—
0
1
1
0
0
—
1
1
1
0
0
—
0
1
1
0
1
667 Hz
1
1
1
0
1
2700 Hz
0
1
1
1
0
800 Hz
1
1
1
1
0
—
0
1
1
1
1
1000 Hz
1
1
1
1
1
3000 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com