Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7732-01TB Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM7732-01TB
Description  Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7732-01TB Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM7732-01TB Datasheet HTML 8Page - OKI electronic componets MSM7732-01TB Datasheet HTML 9Page - OKI electronic componets MSM7732-01TB Datasheet HTML 10Page - OKI electronic componets MSM7732-01TB Datasheet HTML 11Page - OKI electronic componets MSM7732-01TB Datasheet HTML 12Page - OKI electronic componets MSM7732-01TB Datasheet HTML 13Page - OKI electronic componets MSM7732-01TB Datasheet HTML 14Page - OKI electronic componets MSM7732-01TB Datasheet HTML 15Page - OKI electronic componets MSM7732-01TB Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
FEDL7732-01-10
OKI Semiconductor
MSM7732-01
12/29
AC Characteristics
(VDD = 2.4 V to 3.3 V, Ta = –40°C)
Condition
Parameter
Symbol
Freq.
(Hz)
Level
(dBm0)
Others
Min.
Typ.
Max.
Unit
LOSS T1
0 to 60
25
—
—
dB
LOSS T2 300 to 3000
–0.15
—
0.20
dB
LOSS T3
1020
Reference
dB
LOSS T4
3300
–0.15
—
0.80
dB
LOSS T5
3400
0
—
0.80
dB
Transmit Frequency Response
LOSS R6
3968.75
0
—
13
—
—
dB
LOSS R1
0 to 3000
–0.15
—
0.20
dB
LOSS R2
1020
Reference
dB
LOSS R3
3300
–0.15
—
0.80
dB
LOSS R4
3400
0
—
0.80
dB
Receive Frequency Response
LOSS R5
3968.75
0
—
13
—
—
dB
SD T1
3
35
—
—
dB
SD T2
0
35
—
—
dB
SD T3
–30
35
—
—
dB
SD T4
–40
28
—
—
dB
Transmit Signal to Distortion
Ratio
SD T5
1020
–45
(*1)
23
—
—
dB
SD R1
3
35
—
—
dB
SD R2
0
35
—
—
dB
SD R3
–30
35
—
—
dB
SD R4
–40
28
—
—
dB
Receive Signal to Distortion
Ratio
SD R5
1020
–45
(*1)
23
—
—
dB
GT T1
3
–0.2
—
0.2
dB
GT T2
–10
Reference
dB
GT T3
–40
–0.2
—
0.2
dB
GT T4
–50
–0.6
—
0.6
dB
Transmit Gain Tracking
GT T5
1020
–55
—
–1.2
—
1.2
dB
GT R1
3
–0.2
—
0.2
dB
GT R2
–10
Reference
dB
GT R3
–40
–0.2
—
0.2
dB
GT R4
–50
–0.6
—
0.6
dB
Receive Gain Tracking
GT R5
1020
–55
—
–1.2
—
1.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com