Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5003ACPZ-R7
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5003ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADP5003
Data Sheet
Rev. A | Page 6 of 31
LDO SPECIFICATIONS
VPVIN1 = VPVINSYS = 4.2 V to 15 V, VPVIN2 = 0.65 V to 5 V, LDO headroom voltage (VHR) = 300 mV, TJ = −40°C to +125°C for
minimum/maximum specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS
Programmable Output Voltage Range1
VLDO
0.6
3.3
V
VVFB2P-VFB2N
LDO Gain
ALDO
1.65
VLDO/VVSET2
Output Voltage Accuracy2
−1
+1
%
VOUT2 load current (ILOAD2) =
150 mA
Regulation
Line
(ΔVLDO/VLDO)/ΔVPVIN2
0.007
%/V
(VPVOUT2 + VHR) ≤ VPVIN2 ≤ 6 V,
ILOAD2 = 100 mA
Load
(ΔVLDO/VLDO)/ΔILOAD2
0.08
%/A
10 mA ≤ ILOAD2 ≤ 3 A
Total Output Voltage Accuracy
±1.5
%
(VPVOUT2 + VHR) ≤ VPVIN2 ≤ 6 V,
10 mA ≤ ILOAD2 ≤ 3 A
OPERATING SUPPLY CURRENT
IGND
1.8
2.5
mA
ILOAD2 = 0 μA
2.3
mA
ILOAD2 = 3 A
MINIMUM VOLTAGE REQUIREMENTS
ILOAD2 = 3 A
PVINSYS to PVOUT23
VPVINSYS-PVOUT2
1.5
V
VREG_LDO to PVOUT24
VVREG_LDO-PVOUT2
1.35
V
Required to drive NFET
Dropout5
VDROPOUT
100
mV
CURRENT-LIMIT THRESHOLD6
ILIMIT2
3.1
4.5
A
LDO SOFT START (SS) TIME
tSSLDO
400
µs
LDO ACTIVE PULL-DOWN
RPDWNLDO
300
Ω
Channel disabled
OUTPUT NOISE
NPVOUT2
3
µV rms
10 Hz to 100 kHz, ILOAD2 = 1 A
LDO POWER SUPPLY REJECTION RATIO
PSRRLDO
VPVIN2 = VPVOUT2 + 0.3 V, ILOAD2 = 1A
VPVOUT2 = 1.3 V
87
dB
1 kHz
82
dB
10 kHz
61
dB
100 kHz
38
dB
1000 kHz
VPVOUT2 = 3.3 V
89
dB
1 kHz
83
dB
10 kHz
61
dB
100 kHz
37
dB
1000 kHz
1
Limited by minimum PVINSYS to PVOUT2 and VREG_LDO to PVOUT2 voltage.
2
The LDO output voltage accuracy is relative to the nominal output voltage and accounts for reference voltage, gain, and offset error.
3
PVINSYS must be higher than PVOUT2 by at least VPVINSYS-PVOUT2 to keep the LDO regulating.
4
PVOUT2 must be lower than VREG_LDO by at least VVREG_LDO-PVOUT2 to keep the LDO regulating.
5
The dropout voltage is the input to output voltage differential when the input voltage is set to the nominal output voltage.
6
The current-limit threshold is the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 1.0 V output
voltage is the current that causes the output voltage to drop to 90% of 1.0 V or 0.9 V.
ADAPTIVE HEADROOM CONTROLLER SPECIFICATIONS
VPVIN1 = VPVINSYS = 4.2 V to 15 V, VPVIN2 = 0.65 V to 5 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical
specifications, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
HEADROOM VOLTAGE (PVIN2 − PVOUT2)
VHR
160
mV
ILOAD2 = 1 mA
280
mV
ILOAD2 = 1.5 A
400
mV
ILOAD2 = 3 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com