Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5003ACPZ-R7
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5003ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 9 of 31
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
3.3V
2.5V
1.8V
1.3V
1.1V
Figure 3. Buck Efficiency vs. Load Current, VPVIN1 = 5 V, fSW = 600 kHz at
Various Buck Output Voltages
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
3.3V
2.5V
1.8V
1.3V
1.1V
Figure 4. Buck Efficiency vs. Load Current, VPVIN1 = 12 V, fSW = 600 kHz at
Various Buck Output Voltages
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
300kHz
600kHz
1MHz
Figure 5. Buck Efficiency vs. Load Current, VPVIN1 = 12 V, VPVOUT1 = 3.3 V at
Various Buck Switching Frequencies
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
3.3V
2.5V
1.8V
1.3V
1.1V
Figure 6. Adaptive Mode Efficiency vs. Load Current, VPVIN1 = 5 V,
fSW = 600 kHz at Various LDO Output Voltages
0
10
20
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
3.3V
2.5V
1.8V
1.3V
1.1V
Figure 7. Adaptive Mode Efficiency vs. Load Current, VPVIN1 = 12 V,
fSW = 600 kHz at Various LDO Output Voltages
0
10
20
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
300kHz
600kHz
1MHz
Figure 8. Adaptive Mode Efficiency vs. Load Current, VPVIN1 = 12 V,
VPVOUT2 = 3.3 V at Various Buck Switching Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com