Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5003ACPZ-R7
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5003ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 21 of 31
COMPENSATION COMPONENTS DESIGN
For the peak current mode control architecture, the power stage
can be simplified as a voltage controlled current source that
supplies current to the output capacitor and load resistor. The
simplified loop is composed of one dominant pole and a zero
contributed by the output capacitor ESR.
The ADP5003 uses a transconductance amplifier as the error
amplifier to compensate the system. Figure 46 shows the
simplified peak current mode control, small signal circuit.
RESR
R
+
gm
RC
CCP
CPVOUT1
CC
RTOP1
RBOT1
+
AVI
VPVOUT1
VCOMP1
ABUCK
VSET1
VREFOUT
VPVOUT1
Figure 46. Simplified Peak Current Mode Control, Small Signal Circuit
The compensation components, RC and CC, contribute a zero,
and the optional CCP and RC contribute an optional pole.
The following procedure shows how to select the compensation
components (RC, CC, and CCP) for ceramic output capacitor
applications:
1. Determine the cross frequency (fC). Generally, fC is
between fSW/12 and fSW/6.
2. Use the following equation to calculate RC:
VI
m
BUCK
PVOUT
C
A
g
A
C
R
×
×
×
π
×
=
1
2
(10)
where:
CPVOUT1 is the output capacitance.
AVI = 7 A/V.
3. Place the compensation zero at the domain pole (fP).
Determine CC as follows:
CC = ((R + RESR) × CPVOUT1)/RC
(11)
where:
RESR is the equivalent series resistance of the output
capacitor.
4. CCP is optional. It can cancel the zero caused by the ESR of
the output capacitor. Determine CCP as follows:
CCP = (RESR × CPVOUT1)/RC
(12)
JUNCTION TEMPERATURE
In cases where the ambient temperature (TA) is known, the
thermal resistance parameter (θJA) can estimate the junction
temperature rise (TJ). TJ is calculated with TA and the power
dissipation (PD) using the following formula:
TJ = TA + (PD × θJA)
(13)
The typical θJA value for the 32-lead, 5 mm × 5 mm LFCSP is
46.91°C/W. An important factor to consider is that θJA is based
on a 4-layer, 4 inches × 3 inches, 2.5 ounces copper PCB, as per
the JEDEC standard, and applications may use different sizes
and layers. It is important to maximize the copper used to
remove the heat from the device. Copper exposed to air
dissipates heat better than copper used in the inner layers.
Connect the exposed pad to the ground plane with several vias.
If the case temperature can be measured, the junction
temperature is calculated by
TJ = TC + (PD × θJC)
(14)
where:
TC is the case temperature.
θJC is the junction to case thermal resistance provided in Table 6.
To achieve reliable operation of the buck converter and LDO
regulator, the estimated die junction temperature of the
ADP5003 must be less than 125°C. Reliability and mean time
between failures (MTBF) is highly affected by increasing the
junction temperature. Additional information about product
reliability can be found in the Analog Devices, Inc., Reliability
Handbook at www.analog.com/reliability_handbook.
The total power dissipation in the ADP5003 simplifies to
PD = PDBUCK + PDLDO
(15)
where:
PDBUCK = (VPVIN1 × IPVIN1) − (VPVOUT1 × ILOAD1).
PDLDO = ((VPVIN2 − VPVOUT2) × ILOAD2) + (VPVIN2 × IGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com