Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5003ACPZ-R7
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5003ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
ADP5003
Data Sheet
Rev. A | Page 24 of 31
ADAPTIVE HEADROOM CONTROL DESIGN EXAMPLE
This section provides an example of the step by step design
procedures and the external components required for the buck
regulator using adaptive headroom control. Table 11 lists the
design requirements for this example.
Table 11. Example Design Requirements for the Buck
Regulator Using Adaptive Headroom Control
Parameter
Specification
Input Voltage
VPVIN1 = 12 V
Output Voltage
VPVOUT2 = 1.3 V
Output Current
ILOAD1 = ILOAD2 = 3 A
Buck Load Transient
±100 mV at 20% to 80% load transient
SETTING THE SWITCHING FREQUENCY FOR THE
BUCK REGULATOR USING ADAPTIVE HEADROOM
CONTROL
Similar to the buck design example, a switching frequency of
600 kHz is used to achieve a good combination of small solution
size and high conversion efficiency. To set the switching frequency
to 600 kHz, use Equation 1 to calculate the resistor value, RRT:
RRT (kΩ) = 1.78 × 1011/fSW (kHz)
Therefore, select standard resistor RT = 294 kΩ.
SETTING THE OUTPUT VOLTAGE FOR THE LDO
REGULATOR USING ADAPTIVE HEADROOM
CONTROL
Select a value for the top feedback resistor (RTOP2) and then
calculate the bottom resistor (RBOT2) by using the following
equation:
RBOT2 = (RTOP2 × VPVOUT2)/((VREFOUT × ALDO) – VPVOUT2)
(19)
where:
VPVOUT2 is the LDO output voltage.
VREFOUT is 2 V.
ALDO is the LDO regulator gain.
To set the output voltage to 1.3 V, RTOP2 is set to 100 kΩ giving
an RBOT2 value of 65 kΩ.
SELECTING THE INDUCTOR FOR THE BUCK
REGULATOR USING ADAPTIVE HEADROOM
CONTROL
The peak-to-peak inductor ripple current, ΔIL, is set to 35% of
the maximum output current. Use the Equation 8 to estimate
the value of the inductor:
L = ((VPVIN1 – VPVOUT1) × D)/(ΔIL × fSW)
where:
VPVIN1 = 12 V.
VPVOUT1 = VPVOUT2 + VHR = 1.7 V.
VPVOUT2 = 1.3 V.
VHR is the adaptive headroom voltage at steady state current. See
Table 4 and Figure 25 for the approximate values of VHR vs. load
current. For this example, use VHR equal to 0.4 V for steady state
load current of 3 A.
D is the duty cycle (D = VVOUT1/VPVIN1).
ΔIL = 35% × 3 A = 1.05 A.
fSW = 600 kHz.
The resulting value for L is 2.32 μH. The selected standard
inductor value is 2.2 μH; therefore, ΔIL is 1.1 A.
To calculate the peak inductor current (IPEAK), use Equation 9:
IPEAK = ILOAD1 + (ΔIL/2)
The calculated peak current for the inductor is 3.55 A.
SELECTING THE OUTPUT CAPACITORS FOR THE
BUCK REGULATOR USING ADAPTIVE HEADROOM
CONTROL
To ensure that the LDO regulator does not track the buck
output, the undershoot voltage must be set to a value less than
the minimum adaptive headroom voltage. Use Equation 17 and
Equation 18 to calculate the capacitance.
For estimation purposes, use KOV = KUV = 2; therefore,
COUT_OV = 40.7 μF and COUT_UV = 6.92 μF.
It is recommended to use a single 47 μF ceramic capacitor for the
output of the buck and a single 10 μF for the output of the LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com