Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5003ACPZ-R7
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5003ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 11 of 31
0.1
1
10
100
1000
10000
100000
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
3A
2A
1A
Figure 15. Adaptive Mode Noise Spectral Density vs. Frequency at various
Load Currents, VPVOUT1 = VPVIN2 =3.7 V, VPVOUT2 = 3.3 V, fSW = 2 MHz, L = 1.5 μH,
RC = 23.7 kΩ, CC = 1 nF, CCP = 10 pF, CPVOUT1 = 22 μF
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
4.2 5.0
7.0
9.0
11.0
13.0
15.0
6.0
8.0
10.0
12.0
14.0
INPUT VOLTAGE (V)
Figure 16. Buck Line Regulation, VPVOUT1 = 3.3 V, ILOAD1 = 1 A, fSW = 600 kHz
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
HEADROOM (V)
Figure 17. LDO Line Regulation, VPVOUT2 = 3.3 V, ILOAD2 = 1 A
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
Figure 18. Buck Load Regulation, VPVIN1 = 12 V, VPVOUT1 = 3.3 V, fSW = 600 kHz
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
Figure 19. LDO Load Regulation, VPVOUT2 = 3.3 V, VHR = 0.3 V
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
Figure 20. REFOUT Voltage (VREFOUT) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com