Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5003ACPZ-R7
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5003ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ADP5003
Data Sheet
Rev. A | Page 12 of 31
–3
–2
–1
0
1
2
3
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
Figure 21. Switching Frequency vs. Temperature
0
0.5
1,0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT( A)
Figure 22. LDO Quiescent Current vs. Load Current
CH1 500mA
CH2 5V
M200ns
A CH2
8V
CH3
10mV Ω BW
2
3
1
T
94ns
VPVOUT1
IL
VSW1
Figure 23 SW1 Waveform, VPVOUT1 = 5 V, ILOAD1 = 100 mA, fSW = 2 MHz,
L = 2.2 μH, RC = 2.7 kΩ, CC = 22 nF, CCP = 22 pF, CPVOUT1 = 22 μF
0
0.5
1.0
1.5
2.0
2.5
3.0
4
6
8
10
12
14
INPUT VOLTAGE (V)
Figure 24. Buck Quiescent Current vs. Input Voltage
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
Figure 25. Adaptive Mode Headroom vs. Load Current
CH1 5.00V
CH4 10.0mV
Ω
M400ns
A CH1
5.70V
T
0.000µs
B
W
B
W
CH3 500mA
1
3
4
VSW1
IL
VPVOUT1
Figure 26. SW1 Waveform, VPVOUT1 = 5 V, ILOAD1 = 3 A, fSW = 2 MHz, L = 2.2 μH,
RC = 2.7 kΩ, CC = 22 nF, CCP = 22 pF, CPVOUT1 = 22 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com