Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5003ACPZ-R7
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5003ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
ADP5003
Rev. A | Page 19 of 31
The minimum off time limits the maximum duty cycle which
in turn limits the maximum output voltage for a given input
voltage and switching frequency. Calculate the maximum output
voltage for a given input voltage and switching frequency by
using the following equation:
VOUT_MAX = VPVIN1 × (1 − tMIN_OFF × fSW) − (RPFET – RNFET) × IOUT_MAX ×
(1 − tMIN_OFF × fSW) − (RNFET + RL) × IOUT_MAX
(5)
where:
VOUT_MAX is the maximum output voltage.
IOUT_MAX is the maximum output current.
tMIN_OFF is the minimum off time.
As shown in Equation 4 and Equation 5, reducing the switching
frequency eases the minimum on time and minimum off time
limitations.
COMPONENT SELECTION
Output Capacitors
Higher output capacitor values reduce the output voltage ripple
and improve the load transient response.
Ceramic capacitors are manufactured with a variety of dielectrics,
each with a different behavior over temperature and applied
voltage. Capacitors must have a dielectric adequate to ensure
the minimum capacitance over the necessary temperature range
and dc bias conditions. X5R or X7R dielectrics with a voltage
rating of 25 V are recommended for best performance. Y5V
and Z5U dielectrics are not recommended for use with any dc-
to-dc converter because of their poor temperature and dc bias
characteristics.
Use the following equation to calculate the worst case capacitance,
accounting for capacitor variation over temperature, component
tolerance, and voltage:
CEFFECTIVE = CNOMINAL × (1 − TEMPCO) × (1 − DCBIASCO) ×
(1 − Tolerance)
(6)
where:
CEFFECTIVE is the effective capacitance at the operating voltage.
CNOMINAL is the nominal data sheet capacitance.
TEMPCO is the worst case capacitor temperature coefficient.
DCBIASCO is the dc bias derating at the output voltage.
Tolerance is the worst case component tolerance.
To guarantee the performance of the device, it is imperative to
evaluate the dc bias effects, temperature, and tolerances on the
behavior of the capacitors for each application.
Capacitors with lower effective series resistance (ESR) and
effective series inductance (ESL) are preferred to minimize
output voltage ripple.
Use the following equation to calculate the minimum
capacitance needed for a specific output voltage ripple:
)
(
8
ESR
L
RIPPLE
SW
L
OUT_MIN
R
ΔI
V
f
ΔI
C
×
×
×
(7)
where:
ΔIL is the current ripple.
fSW is the switching frequency.
VRIPPLE is the allowed peak-to-peak voltage ripple.
RESR is the effective series resistance of the capacitor.
The minimum capacitance needed for stability considering
temperature and dc bias effects is 22 µF.
The minimum capacitance recommended for the LDO is 10 µF.
Table 8. Recommended Output Capacitors
Vendor
Part No.
Value (µF)
Type
Voltage Rating (V)
Case
Wurth
885 012 207 026
10
X7R
10
0805
885 012 209 006
22
X7R
10
1210
885 012 109 012
47
X5R
25
1210
885 012 109 004
100
X5R
6.3
1210
Murata
GRM21BR71A106KE51
10
X7R
10
0805
GRM32ER71C226KEA8
22
X7R
16
1210
GRM32ER71A476KE15
47
X7R
10
1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com