Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5003ACPZ-R7
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5003ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ADP5003
Data Sheet
Rev. A | Page 20 of 31
Input Capacitor
The input current to the buck converter steps from zero to a
positive value that is dependent on inductor value, switching
frequency, and load current (typically between 1Aand 4A) and
then drops quickly to zero again every switching cycle. Because
these current pulses occur at relatively high frequencies (0.3 MHz
to 2.5 MHz), the input bypass capacitor provides most of the
high frequency current while the input power source supplies
only the average current. Higher value input capacitors reduce
the input voltage ripple and improve transient response.
To minimize supply noise, it is recommended to place a low
ESR capacitor as close as possible to the relevant supply pin.
Inductor
The high switching frequency of the ADP5003 buck allows the
selection of small chip inductors. Asmall inductor leads to larger
inductor current ripple that provides improved transient response
but degrades efficiency. The sizing of the inductor is a trade-off
between efficiency and transient response.As a guideline, the
inductor peak-to-peak current ripple is typically set to 1/3 of
the maximum load current for optimal transient response and
efficiency.
To calculate the inductor value, L, use the following equation:
L = ((VPVIN1 − VPVOUT1) × D)/(ΔIL × fSW)
(8)
where:
VPVIN1 is the input voltage.
VPVOUT1 is the output voltage.
D is the duty cycle (D = VVOUT1/VPVIN1).
ΔIL is the inductor ripple current.
fSW is the switching frequency.
The minimum dc current rating of the inductor must be greater
than the inductor peak current. Use the following equation to
calculate the inductor peak current:
IPEAK = ILOAD1 + (ΔIL/2)
(9)
where:
ILOAD1 is the output current.
ΔIL is the inductor ripple current.
Inductor conduction losses are minimized by using larger sized
inductors that have smaller dc resistance; this in turn improves
efficiency at the cost of solution size. Due to the high switching
frequency of the ADP5003, shielded ferrite core material is
recommended for its low core losses and low electromagnetic
interference (EMI).
Table 9. Recommended Inductors
Vendor
Part No.
Value (µH)
Saturation Current, ISAT (A)
RMS Current, IRMS (A)
DC Resistance (mΩ)
Size (mm)
Coilcraft
XAL4020-102
1
8.7
6.7
13.25
4 × 4
XAL4020-122
1.2
7.9
6.6
17.75
4 × 4
XAL4020-152
1.5
7.1
5.2
21.45
4 × 4
XAL4020-222
2.2
5.6
4
35.2
4 × 4
XAL5030-102
1
14
8.7
8.5
5 × 5
XAL5030-122
1.2
12.5
7.9
11.4
5 × 5
XAL5030-222
2.2
9.2
7.2
13.2
5 × 5
XAL5030-332
3.3
8.7
5.9
21.2
5 × 5
XAL5050-562
5.6
6.3
5.3
23.45
5 × 5
XAL5050-682
6.8
6
4.7
26.75
5 × 5
XEL6030-102
1
18
12
6.32
6 × 6
XEL6030-152
1.5
15
10
9.57
6 × 6
XEL6030-222
2.2
13
7
12.7
6 × 6
XEL6030-332
3.3
10.5
6
19.92
6 × 6
XEL6060-472
4.7
11.4
9
13.65
6 × 6
XAL6060-562
5.6
9.9
7.5
14.46
6 × 6
XEL6060-682
6.8
7.9
7.3
20.82
6 × 6
XEL6060-822
8.2
7.6
7
22.71
6 × 6
XAL6060-103
10
7.6
5
27
6 × 6
Wurth
744 383 570 10
1
9.6
7.4
11.6
4 × 4
744 383 570 12
1.2
8.8
7
13.4
4 × 4
744 383 570 15
1.5
8.5
6.2
17.1
4 × 4
744 383 570 18
1.8
8
5.8
18
4 × 4
744 383 570 22
2.2
7
5.2
22
4 × 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com