Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5003ACPZ-R7
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5003ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADP5003
Data Sheet
Rev. A | Page 8 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED THERMAL PAD. CONNECT THE
EXPOSED THERMAL PAD TO AGND1.
24 AGND1
23 VREG
22 RT
21 COMP1
20 PWRGD
19 VSET1
18 REFOUT
17 VSET2
1
2
3
4
5
6
7
8
PGND1
VOUT1
EN1
EN2
SYNC
PVIN2
PVIN2
PVIN2
ADP5003
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 31, 32
PGND1
Buck Regulator Dedicated Power Ground.
2
VOUT1
Buck Regulator Feedback Input. Connect a short sense trace to the buck output capacitor.
3
EN1
Buck Regulator Precision Enable Pin. Drive the EN1 pin high to turn on the buck regulator, and drive the EN1 pin
low to turn off the buck regulator.
4
EN2
LDO Precision Enable Pin. Drive the EN2 pin high to turn on the LDO regulator, and drive the EN2 pin low to turn
off the LDO regulator.
5
SYNC
Synchronization Input. To synchronize the switching frequency of the device to an external clock, connect this
pin to an external clock with a frequency from 300 kHz to 2.5 MHz.
6 to 8
PVIN2
LDO Regulator Power Input. Connect a 10 µF ceramic capacitor between this pin and AGND2.
9 to 11
PVOUT2
LDO Regulator Power Output. Connect a 10 µF ceramic capacitor between this pin and AGND2.
12
VFB2P
LDO Regulator Positive Sense Feedback Input. Connect a sense trace to the LDO output at the load. Route this
pin alongside the VFB2N pin on the PCB.
13
VFB2N
LDO Regulator Ground Sense Feedback Input. Connect a sense trace to ground at the load. Route this pin
alongside the VFB2P pin on the PCB.
14
VBUF
Output of the LDO Reference Buffer. Connect a 0.1 µF ceramic capacitor between this pin and VFB2N.
15
AGND2
LDO Dedicated Analog Ground.
16
VREG_LDO
Internal Regulator Output for the LDO. Connect a 1 µF ceramic decoupling capacitor between this pin and
AGND2. Do not use this pin to power external devices.
17
VSET2
LDO Regulator Output Voltage Configuration Input.
18
REFOUT
Internal Reference Output Required for Driving the External Resistor Dividers for VSET1 and VSET2. Connect a
0.22 µF ceramic capacitor between this pin and AGND2.
19
VSET1
Buck Regulator Output Voltage Configuration Input. Connect this pin to VREG to enable adaptive headroom
control.
20
PWRGD
Power-Good Digital Output (Open-Drain NFET Pull-Down Driver).
21
COMP1
Buck Regulator External Compensation Pin.
22
RT
Resistor Adjustable Frequency Programming Input.
23
VREG
Internal Regulator Output. Connect a 1 µF ceramic decoupling capacitor between this pin and AGND1. Do not
use this pin to power external devices.
24
AGND1
Analog Ground.
25
PVINSYS
System Power Supply for the ADP5003. Connect a 10 µF ceramic capacitor between this pin and AGND1.
26, 27
PVIN1
Buck Regulator Power Input. Connect a 10 µF ceramic capacitor between this pin and PGND1.
28 to 30
SW1
Buck Regulator Switching Output.
EPAD
Exposed Thermal Pad. Connect the exposed thermal pad to AGND1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com