Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5003ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5003ACPZ-R7
Description  Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5003ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5003ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5003ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ADP5003
Data Sheet
Rev. A | Page 16 of 31
The emulated inductor current scheme senses the current in the
inductor during the off phase of the cycle, when the NFET is
conducting, and uses this inductor current to generate the
emulated current sense signal during the on time of the cycle.
This scheme allows the low duty cycles necessary for high input
voltage, VIN, to output voltage, VOUT, conversion ratios.
Oscillator Frequency Control
The ADP5003 buck regulator oscillator frequency is controlled
by using the RT pin or the SYNC pin. To define the buck
regulator internal switching frequency, connect the RT pin via a
resistor to AGND1. Figure 38 shows the relationship of the buck
oscillator frequency and the RT resistor value.
0
0.5
1.0
1.5
2.0
2.5
3.0
10k
100k
1M
RT RESIST
OR (Ω)
Figure 38. Buck Oscillator Frequency vs. RT Resistor (RRT)
To determine the oscillator frequency (fSW), use the following
equation:
fSW = (1.78 × 1011)/RRT
(1)
An upper limit prevents out of range frequencies when the RT
pin is shorted to ground or connected with a resistor value less
than 70 kΩ.
External Oscillator Synchronization
The SYNC pin is dedicated for oscillator synchronization and
allows the ADP5003 to lock to an external clock.
When an applied external clock signal is present at the SYNC pin,
the buck regulator operates in sync with this signal.
When alternating between external clocks and the internal
oscillator, the presence of an external frequency causes a
multiplexer to switch between the internal oscillator and the
external SYNC frequency. The output of this multiplexer acts as
the frequency reference to an internal phase-locked loop (PLL),
which ensures that changing between the two modes of operation
results in a smooth transition between the different frequencies.
Buck Startup
The buck regulator turns on with a controlled soft start ramp to
limit inrush current. The reference of the buck is ramped
during tSSBUCK, which is typically 2 ms (see Figure 39).
A CH2
1.20V
CH1 1.00A
CH2 5.0V
4.00µs
T
1.60ms
B
W
CH3 5.00V
CH4 1.0V
B
W
B
W
B
W
4
1
2
3
VEN1
VPVOUT1
tSSBUCK
ILOAD1
VSW1
Figure 39. Buck Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com