Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 69 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 69 Page - ams AG

Back Button AS3956 Datasheet HTML 65Page - ams AG AS3956 Datasheet HTML 66Page - ams AG AS3956 Datasheet HTML 67Page - ams AG AS3956 Datasheet HTML 68Page - ams AG AS3956 Datasheet HTML 69Page - ams AG AS3956 Datasheet HTML 70Page - ams AG AS3956 Datasheet HTML 71Page - ams AG AS3956 Datasheet HTML 72Page - ams AG AS3956 Datasheet HTML 73Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
ams Datasheet
Page 69
[v1-11] 2018-Nov-14
Document Feedback
AS3956 − Detailed Description
I²C Interface
Communication between AS3956 and microcontroller can be
done via a I²C interface and an additional interrupt signal
(pin IRQ). Please note a 100k ohm pull down resistor is
recommended to be connected to the IRQ pin to prevent IRQ
from floating when /SS is high. AS3956 acts an I²C slave device,
and supports single master, multiple slave configurations.
AS3956 I²C supports following modes: Standard-mode,
Fast-mode, Fast-mode Plus. In addition to Schmitt triggers on
all digital input lines a glitch suppression filter is implemented
on the SCL and SDA input lines and suppresses glitches up to
Tgs_i2c in length.
Figure 68:
I²C and Interrupt Signals
During I²C communication, the signal /SS should be set to low.
By setting the /SS to low, I²C interface is enabled. It is
recommended to keep signal /SS high whenever the I²C
interface is not used. The I²C bus is reset when /SS is high.
I²C interface supports the following modes:
• Internal registers read and write
• EEPROM read and write
• Buffer read and write
• Direct commands
Please note that the only I²C operations allowed, when logic
and EEPROM are supplied from VP_IO, are EEPROM and registers
reading and writing (see also Power Management).
Name
Signal
Signal Level
Description
/SS
Digital Input with pull-up
CMOS
Should be set to low during I²C communication
SDA
Digital Output
CMOS
Serial data output
SCL
Digital Input
CMOS
Clock for serial communication
IRQ
Digital Output
CMOS
Interrupt output pin (active high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com