Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 78 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 78 Page - ams AG

Back Button AS3956 Datasheet HTML 74Page - ams AG AS3956 Datasheet HTML 75Page - ams AG AS3956 Datasheet HTML 76Page - ams AG AS3956 Datasheet HTML 77Page - ams AG AS3956 Datasheet HTML 78Page - ams AG AS3956 Datasheet HTML 79Page - ams AG AS3956 Datasheet HTML 80Page - ams AG AS3956 Datasheet HTML 81Page - ams AG AS3956 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 107 page
background image
Page 78
ams Datasheet
Document Feedback
[v1-11] 2018-Nov-14
AS3956 − Detailed Description
After first initialization the configuration of the EEPROM is read
and the configuration of the internal pull-up resistors is stored
in registers directly supplied by the VP_IO. This means that if
the chip is disabled by setting line /SS low the configuration
will be kept. This means that after first initialization the internal
pull-up resistors will be active even if the chip is set into
stand-by mode using /SS line.
Strong and Weak Pull-Up Behavior during Chip
Initialization
When powered up by the VP_IO without an RF field present,
chip initialization takes place when the /SS pin is taken low.
Between the time when power is applied to VP_IO and /SS going
low, strong pull-ups (3k ohm) are applied to the SDA/MISO and
SCL/SCLK lines regardless of whether the chip is configured for
SPI or I2C. Further during this period a weak pull (nominally 350k
ohm) is connected to /SS. After /SS goes low the weak pull-up
on /SS is removed and the strong pull-ups are configured
according to FAB_CFG2.
Interrupt Interface Description
There are two interrupt registers implemented in AS3956
(Interrupt Register 0 and Interrupt Register 1).
When an interrupt condition is met, the source of interrupt bit
is set in the interrupt register and the IRQ pin goes to high.
The microcontroller shall read the interrupt registers to
distinguish between different interrupt sources. After an
interrupt register is read, its content is reset to 0. IRQ pin goes
to low after the interrupt bit(s), which caused its transition to
high, has been read. Please note that there may be multiple
interrupt register bits set in case the controller does not
immediately read the Interrupt Registers after the IRQ signal
was set and another event causing interrupt occurred.
The process of reading interrupt registers is composed of two
phases. In the first phase, interrupts are pushed into internal
buffer just before reading the first bit of the register. In the
second phase the bits stored in the buffer are read out. The
interrupts stored in each internal register are cleared and
considered being read out at the rising edge of SCLK of the first
interrupt bit for each interrupt register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com