Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 27 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 27 Page - ams AG

Back Button AS3956 Datasheet HTML 23Page - ams AG AS3956 Datasheet HTML 24Page - ams AG AS3956 Datasheet HTML 25Page - ams AG AS3956 Datasheet HTML 26Page - ams AG AS3956 Datasheet HTML 27Page - ams AG AS3956 Datasheet HTML 28Page - ams AG AS3956 Datasheet HTML 29Page - ams AG AS3956 Datasheet HTML 30Page - ams AG AS3956 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 107 page
background image
ams Datasheet
Page 27
[v1-11] 2018-Nov-14
Document Feedback
AS3956 − Detailed Description
Figure 24:
Response to Get Version Command
Note(s):
1. The most significant 7 bits of the storage size byte are interpreted as an unsigned integer value n. As a result, it codes the total
available user memory size as 2n. If the least significant bit is 0b, the user memory size is exactly 2n. If the least significant bit is 1b,
the user memory size is between 2n and 2n+1.
The user memory is the memory available for user data (Capability Container and lock bits are excluded)
2. The figure below is maintained consistently across the whole AS395x family, where Get Version command is supported.
Figure 25:
Get Version Response, Byte 7
Byte No.
Description
Comment
0
Fixed Header
00h
1
Vendor Id
3Fh
ams AG
2Product Type
14h
AS395x
3
Product Subtype
02h
AS3956
4
Major Product Version
01h
1
5
Minor Product Version
00h
V0
6
Storage Size
17h
See note (1)
7
Supported Features
01h or 02h
See note (2)
Get Version
Byte No. 7
Description
b7
00000b: ISO14443A Level 3 supported, max
baudrate 106 kbps, Tunneling and
Extended mode present, Password
protection available, energy
harvesting available
Others: RFU
b6
b5
b4
b3
b2
000b: No wired interface available
001b: SPI slave, passive wake-up available
010b: I²C slave, passive wake-up available
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com