Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 46 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 46 Page - ams AG

Back Button AS3956 Datasheet HTML 42Page - ams AG AS3956 Datasheet HTML 43Page - ams AG AS3956 Datasheet HTML 44Page - ams AG AS3956 Datasheet HTML 45Page - ams AG AS3956 Datasheet HTML 46Page - ams AG AS3956 Datasheet HTML 47Page - ams AG AS3956 Datasheet HTML 48Page - ams AG AS3956 Datasheet HTML 49Page - ams AG AS3956 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-11] 2018-Nov-14
AS3956 − Detailed Description
Extended Mode
Extended mode enables communication between the NFC
device and MCU by employing standard NFC Tag 2 Type READ
and WRITE commands for data transfer RF to MCU and Buffer
Load, Buffer Read, Clear Buffer and Transmit Buffer commands
for data transfer MCU to NFC device. The purpose of this
communication mode is to provide a simple data transfer
mechanism between a NFC device and a MCU while
guaranteeing correct timing and synchronization. This is
achieved by implementing a robust handshake mechanism.
This mode uses a part of the memory address space that is out
of range of the internal physical memory. The communication
between a NFC device and a MCU can be performed by using
WRITE/READ commands on address FCh – FFh. Block addresses
FCh to FFh, each block having 4 bytes, are mapped to the first
16 bytes of the internal Buffer. Writing to these addresses will
write to the Buffer and reading will read from Buffer. Data with
CRC or any other error will not be placed in the Buffer. Each
successful write operation on any of these blocks, AS3956 will
automatically reply with ACK. Maximum packet size for data
from NFC device to MCU is 16 bytes and for data from MCU to
NFC device is 12 bytes, as the last 4 bytes of the Read response,
which is 16 bytes, are reserved for flags.
Error handling in Extended mode is defined in Error Handling.
Data received from RF side are kept available until the MCU
reads the data. The implemented asynchronous transmission
protocol arbitrates on overlapping memory accesses
(producer-consumer principle) and complies with timing
constraints of both RF and SPI / I²C protocols regardless of the
MCU performance.
Extended mode can be configured by setting Configuration
Byte IC_CFG2 in EEPROM or the corresponding register ( IC
Configuration Register 2).
Extended mode uses an address space above the address space
of the internal EEPROM. It is then possible for a NFC device to
perform accesses to AS3956 internal memory and data transfer
to/from the MCU, without switching modes. This feature allows
the NFC device e.g. to request to the MCU a switch to Tunneling
mode with a simple WRITE command. The extended mode
communication employs a built-in buffer for communication.
Access to buffer from RF and SPI / I²C is mutually exclusive.
AS3956 ensures that buffer content shall be kept as long as the
AS3956 is powered (even in case RF field is not present) and as
long the tag is in SELECTED state. In case the RF field is switched
off and then on again, the buffer content will be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com