Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 95 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 95 Page - ams AG

Back Button AS3956 Datasheet HTML 91Page - ams AG AS3956 Datasheet HTML 92Page - ams AG AS3956 Datasheet HTML 93Page - ams AG AS3956 Datasheet HTML 94Page - ams AG AS3956 Datasheet HTML 95Page - ams AG AS3956 Datasheet HTML 96Page - ams AG AS3956 Datasheet HTML 97Page - ams AG AS3956 Datasheet HTML 98Page - ams AG AS3956 Datasheet HTML 99Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 107 page
background image
ams Datasheet
Page 95
[v1-11] 2018-Nov-14
Document Feedback
AS3956 − Application Information
state on SLP_REQ (with direct command “Go To Sleep”) and to
SENSE state (with direct command “Go To Sense”) on any of the
other commands listed above.
The ISO14443A-4 command RATS should also be handled by the
MCU. RATS is sent by an NFC device to activate ISO14443A-4,
on top of which is T4T platform is implemented.
References
• [AN02] Mandatory Application Note AN02: Dual Interface
Data Integrity.
• [EMVCO-1] EMVCo Type Approval Contactless Terminal
Level 1 – PCD Digital Test Bench & Test Cases, version
2.3.1a, January 2013
• [ISO14443-3] ISO/IEC 14443-3:2011(E), Identification
cards — Contactless integrated circuit cards — Proximity
cards — Part 3: Initialization and anticollision
• [ISO14443-4] ISO/IEC 14443-4:2008(E), Identification
cards — Contactless integrated circuit(s) cards —
Proximity cards — Part 4: Transmission protocol
• [ISO18092] ISO/IEC 18092:2013 — Information
technology — Telecommunications and information
exchange between systems — Near Field Communication
— Interface and Protocol (NFCIP-1)
• [ISO7816-3] ISO/IEC 7816-3:2006, Identification cards —
Integrated circuit cards — Part 3: Cards with contacts —
Electrical interface and transmission protocols
• [ISO7816-4] ISO/IEC 7816-4:2005, Identification cards —
Integrated circuit cards — Part 4: Organization, security
and commands for interchange
• [ISO7816-6] ISO/IEC 7816-6:2004, Identification cards —
Integrated circuit cards — Part 6: Interindustry data
elements for interchange
• [NFC Analog] NFC Analog Specification — NFC Forum,
11.07.2011, Version 1.0
• [NFC Digital] NFC Digital Protocol — NFC Forum,
17.11.2010, Version 1.0
• [NDEF] NFC Data Exchange Format (NDEF), Technical
Specification — NFC Forum, 24.07.2006, Version 1.0
• [PHDC] Personal Health Device Communication),
Technical Specification — NFC Forum, 27.02.2013, Version
1.0
• [T2T] Tag 2 Type Operation, Technical Specification —
NFC Forum, 31.05.2011, Version 1.1
• [T4T] Tag 4 Type Operation, Technical Specification —
NFC Forum, 28.06.2011, Version 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com