Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 11 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 11 Page - ams AG

Back Button AS3956 Datasheet HTML 7Page - ams AG AS3956 Datasheet HTML 8Page - ams AG AS3956 Datasheet HTML 9Page - ams AG AS3956 Datasheet HTML 10Page - ams AG AS3956 Datasheet HTML 11Page - ams AG AS3956 Datasheet HTML 12Page - ams AG AS3956 Datasheet HTML 13Page - ams AG AS3956 Datasheet HTML 14Page - ams AG AS3956 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
ams Datasheet
Page 11
[v1-11] 2018-Nov-14
Document Feedback
AS3956 − Electrical Characteristics
Figure 9:
CMOS Outputs MISO and IRQ
Note(s):
1. Pull down can be enabled while MISO output is in tristate when /SS is high. The activation is controlled by register setting miso_pd1.
Electrical Specifications
Figure 10:
Electrical Specifications (temperature 25°C unless noted otherwise)
Symbol
Parameter
Min
Typ
Max
Unit
Note
VOH
High level output voltage
0.85 * VDD_IO
V
Isource=1mA
VP_IO = 5.5V
VOL
Low level output voltage
0.15 * VDD_IO
V
RO
Output resistance
200
400
Ω
RPD
Pull-down resistance pad MISO
10
kΩ
See note (1)
Symbol
Parameter
Min
Typ
Max
Unit
Note
ISB_SPI
Stand by consumption on VP_IO
<1
μA
@ 25°C
(RF field not applied)
VP_IO=1.8V
VLIM
Limiter voltage
5.5
6.0
V
ILC=30mA (DC)
(1)
IS
Supply current
450
μA
See note (2)
VHF_PON
HF_PON threshold
(rising VP_INT) power modes 0,3
2.7
V
Rectified RF supply
voltage
VPON_HY
HF_PON hysteresis
0.5
V
VMOD
Modulator ON voltage drop
across LC1 - LC2
1.3
2.6
V
ILC=1mA
(1)
ILC=30mA
(1)
VP_IO=3.3V
CRES
Resonance capacitor
45
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com