Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 94 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 94 Page - ams AG

Back Button AS3956 Datasheet HTML 90Page - ams AG AS3956 Datasheet HTML 91Page - ams AG AS3956 Datasheet HTML 92Page - ams AG AS3956 Datasheet HTML 93Page - ams AG AS3956 Datasheet HTML 94Page - ams AG AS3956 Datasheet HTML 95Page - ams AG AS3956 Datasheet HTML 96Page - ams AG AS3956 Datasheet HTML 97Page - ams AG AS3956 Datasheet HTML 98Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 107 page
background image
Page 94
ams Datasheet
Document Feedback
[v1-11] 2018-Nov-14
AS3956 − Application Information
The same NDEF Message TLV bytes can be obtained with a
single READ command, as the TLV occupies only 4 blocks and
the READ command returns 16 bytes. In case of longer NDEF
messages of course several READs are necessary until the
complete message has been read out.
Reading/Writing Through SPI / I²C
An MCU can write the NDEF Message TLV bytes [03 0C D1 01 08
55 01 61 6D 73 2E 63 6F 6D]hex into blocks 04h-07h by sending
the following 4 bytes sequences through SPI or I²C (as described
in the Wired Interfaces section of this datasheet):
Writing:
1.
[40 08 03 0C D1 01]hex
2.
[40 0A 08 55 01 61]hex
3.
[40 0C 6D 73 2E 63]hex
4.
[40 0E 6F 6D 00 00]hex
To read the same data bytes written in blocks 04h – 07h, the
MCU should send the bytes sequences below (2 clock cycles for
MODE and address and 4 additional clock cycles to read the
data sent from AS3956, refer to the Wired Interfaces section of
this datasheet):
1.
[7F 08 00 00 00 00]hex
2.
[7F 0A 00 00 00 00]hex
3.
[7F 0C 00 00 00 00]hex
4.
[7F 0E 00 00 00 00]hex
Using Extended Mode to Switch AS3956 into
Tunneling Mode
An NFC device can force the AS3956 in Tunneling mode by
sending a command via Extended to the MCU to switch the
AS3956 operating mode from Extended to Tunneling (refer to
Extended mode section of this datasheet for implementation
details). If the MCU should emulate a T4T after the switch,
AS3956 should be sent to SENSE state by the MCU with the
direct command “Go To Sense” (command code D1h) and the
NFC device should do a new anti-collision round for proper T4T
activation.
Using Tunneling Mode to Emulate a NFC Type 4
Tag
For T4T emulation the Tunneling mode has to be enabled by
setting the tun_mod bit of IC_CFG2 to 1 and the SELR to 0x20.
With this configuration, once AS3956 has passed anti-collision
and entered SELECTED state, all frames coming from the NFC
interface will be pushed to the BUFFER. That means also the
SENS_REQ, ALL_REQ, SSD_REQ, SEL_REQ and SLP_REQ will not
be executed by the AS3956, so MCU must send the tag to SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com