Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 30 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 30 Page - ams AG

Back Button AS3956 Datasheet HTML 26Page - ams AG AS3956 Datasheet HTML 27Page - ams AG AS3956 Datasheet HTML 28Page - ams AG AS3956 Datasheet HTML 29Page - ams AG AS3956 Datasheet HTML 30Page - ams AG AS3956 Datasheet HTML 31Page - ams AG AS3956 Datasheet HTML 32Page - ams AG AS3956 Datasheet HTML 33Page - ams AG AS3956 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-11] 2018-Nov-14
AS3956 − Detailed Description
UID Bytes
The UID block contains four LSB bytes of the 7-byte UID which
is used during anti-collision and selection process. Every IC is
programmed by a unique number during fabrication process at
ams. See UID Coding about details on UID.
This block stores some IC manufacturer data which is
programmed and locked during fabrication process at ams.
UID is treated as IC internal configuration, and is permanently
locked during IC production.
Fabrication Data
Fabrication data are used to set internal configuration and
trimming values. They are treated as IC internal configuration.
Fabrication Data FAB_CFG0
Figure 27:
Fabrication Data FAB_CFG0
Note(s):
1. This byte can be set only during the production in a test mode.
Conf. Bit
Name
Default
Function
Note
b7
NA
0
In AS3955 this was an EEPROM
2kbit option
b6
i2c
0
1: SPI interface is changed to I²C
b5
slnt<2>
0
Trim bit for silent mode
b4
slnt<1>
0
Trim bit for silent mode
b3
slnt<0>
0
Trim bit for silent mode
b2
rffot<2>
0
Trim bit for VP_REG
b1
rffot<1>
0
Trim bit for VP_REG
b0
rffot<0>
0
Trim bit for VP_REG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com