Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 16 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 16 Page - ams AG

Back Button AS3956 Datasheet HTML 12Page - ams AG AS3956 Datasheet HTML 13Page - ams AG AS3956 Datasheet HTML 14Page - ams AG AS3956 Datasheet HTML 15Page - ams AG AS3956 Datasheet HTML 16Page - ams AG AS3956 Datasheet HTML 17Page - ams AG AS3956 Datasheet HTML 18Page - ams AG AS3956 Datasheet HTML 19Page - ams AG AS3956 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-11] 2018-Nov-14
AS3956 − Detailed Description
Chip Initialization in the Different Power Modes
During chip initialization, values from the EEPROM
configuration bytes are loaded into the configuration registers.
Figure 13:
Chip Initialization in the Different Power Modes
Resetting the AS3956
To fully reset the AS3956 it is necessary to remove all sources
of power:
• Turn off the RF field and
• Take /SS pin high or remove power from the VP_IO line.
Interface Arbitration
Concurrent access to AS3956 internal EEPROM from RF or SPI /
I²C requires arbitration, to resolve conflicts or undesired
behaviour.
Arbitration Mode 0 (first-come-first-serve)
AS3956 arbitrates EEPROM read/write accesses according to
first-come-first-serve principle.
• In case no read/write access is currently ongoing, both RF
and SPI / I²C interfaces are allowed to read/write into
EEPROM.
• In case a read/write request comes over RF, while SPI / I²C
is reading/writing, AS3956 will return a NAK_5 and will
then enter SENSE/SLEEP state. The chip will generate an
I_init IRQ and an EEPROM access error IRQ.
• In case a read/write request comes over SPI / I²C while RF
is reading/writing, AS3956 will trigger a I_err_acc
interrupt (see Figure 93).
• In case a read request comes over SPI / I²C while RF is
reading/writing to the EEPROM, the AS3956 will reply all
zeros over SPI / I²C.
Power Mode
Chip Initialization Occurs When
0
RF field or external power VP_IO turns on and /SS is low, whichever first.
3
Power up in PM 0 or 1 first and then switch to PM 3 by command from external
microcontroller when external power is available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com