Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3956 Datasheet(PDF) 84 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 84 Page - ams AG

Back Button AS3956 Datasheet HTML 80Page - ams AG AS3956 Datasheet HTML 81Page - ams AG AS3956 Datasheet HTML 82Page - ams AG AS3956 Datasheet HTML 83Page - ams AG AS3956 Datasheet HTML 84Page - ams AG AS3956 Datasheet HTML 85Page - ams AG AS3956 Datasheet HTML 86Page - ams AG AS3956 Datasheet HTML 87Page - ams AG AS3956 Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 107 page
background image
Page 84
ams Datasheet
Document Feedback
[v1-11] 2018-Nov-14
AS3956 − Register Description
IO Configuration Register
Figure 84:
IO Configuration Register
Note(s):
1. Default value is loaded from EEPROM configuration word bits (FAB_CFG2). This register values are stored in registers that are supplied
always when there is VDD_IO or RF present regardless to the BSS line status.
IC Configuration Registers
Figure 85:
IC Configuration Register 0
Note(s):
1. Default value is loaded from EEPROM configuration block bits (IC_CFG0).
Address 00h: IO Configuration
Bit
Name
Default
Function
Type
7
i2c_pu
0
1: Enable pull-ups for SDA and SCL when I²C is used
RW
6
miso_pd1
0
1: Pull down on MISO when \SS is high
RW
5
NA
0
Do not change from default
RW
4
3
2
1
0
Address 01h: IC Configuration 0
Bit
Name
Default
Function
Type
7slnt_mod
See note
1: Enable silent mode
RO
6slnt_vl<2>
Silent mode voltage level (see Silent Mode)RO/RW
5slnt_vl<1>
4slnt_vl<0>
3arbit_mod
RW
2
i2c_addr3<2>
I²C slave address
RO
1
i2c_addr2<1>
0
i2c_addr1<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com