Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT85 Datasheet(PDF) 18 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 18 Page - Sensirion AG Switzerland

Back Button SHT85 Datasheet HTML 14Page - Sensirion AG Switzerland SHT85 Datasheet HTML 15Page - Sensirion AG Switzerland SHT85 Datasheet HTML 16Page - Sensirion AG Switzerland SHT85 Datasheet HTML 17Page - Sensirion AG Switzerland SHT85 Datasheet HTML 18Page - Sensirion AG Switzerland SHT85 Datasheet HTML 19Page - Sensirion AG Switzerland SHT85 Datasheet HTML 20Page - Sensirion AG Switzerland SHT85 Datasheet HTML 21Page - Sensirion AG Switzerland SHT85 Datasheet HTML 22Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
18/23
5 Packaging
The SHT85 is supplied in a single-in-line pin type package. The SHT35-DIS sensor housing consists of an epoxy-based
mold compound, see “Datasheet SHT3x-DIS” for more information. The sensor opening of the housing is protected by a
PTFE membrane dedicated to protect the sensor opening from liquids and dust according to IP67, see “Datasheet
Membrane Option” for more information. The sensor head is connected to the pins by a small bridge to minimize heat
conduction and response times. The pins are soldered to the FR4 substrate by lead-free solder paste. The gold plated
backside of the sensor head is connected to the VSS pin. A 100nF capacitor is mounted on the front side between VDD
and VSS. The device is fully RoHS compliant – thus it is free of of Pb, Cd, Hg, Cr(6+), PBB and PBDE. All pins are Au
plated to avoid corrosion. They can be soldered or mate with most 1.27 mm (0.05’’) sockets, for example: Preci-Dip 851-
87-004-10-001101 / 851-87-004-20-001101, Harwin M50-3030442 or similar. Solder joints and contacts are protected
by conformal coating material on front and back side. When the sensor is further processed by soldering, it should be
ensured that the solder connections between pins and the SHT85 PCB are not melted.
5.1 Traceability
The SHT85 provides a device specific serial number, which can be read-out via the serial interface (I2C), see the
command in Table 21. The Serial number allows an unambiguous identification of each individual device.
Command
Hex Code
Get Serial Number
0x 36 82
Table 21: Command to read out the Serial Number (Clear blocks are controlled by
the microcontroller, grey blocks by the sensor.)
After issuing the measurement command and sending the ACK Bit the sensor needs the time tIDLE = 0.5ms to respond
to the I2C read header with an ACK Bit. Hence it is recommended to wait tIDLE =0.5ms before issuing the read header.
The Get Serial Number command returns 2 words; every word is followed by a CRC Checksum. Together the 2 words
(SNB_3 to SNB_0 in Table 21, SNB_0 is the LSB, whereas SNB_3 is the MSB) constitute a unique serial number with
a length of 32 bit. This serial number can be used to identify each sensor individually.
t
IDLE
9
36
SNB_3
SNB_2
CRC
Serial Number Word 1
Checksum
37
63
SNB_1
SNB_0
CRC
Serial Number Word 2
Checksum
P
SNB_3
I2C Address
Command MSB
Command LSB
16-bit command
16-bit command
I2C write header
I2C read header
I2C Address
S
W
S
R
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
24 25 26 27
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com