Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT85 Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button SHT85 Datasheet HTML 9Page - Sensirion AG Switzerland SHT85 Datasheet HTML 10Page - Sensirion AG Switzerland SHT85 Datasheet HTML 11Page - Sensirion AG Switzerland SHT85 Datasheet HTML 12Page - Sensirion AG Switzerland SHT85 Datasheet HTML 13Page - Sensirion AG Switzerland SHT85 Datasheet HTML 14Page - Sensirion AG Switzerland SHT85 Datasheet HTML 15Page - Sensirion AG Switzerland SHT85 Datasheet HTML 16Page - Sensirion AG Switzerland SHT85 Datasheet HTML 17Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
13/23
4.10 Reset
A system reset of the SHT85 can be generated externally by issuing a command (soft reset). Additionally, a system reset
is generated internally during power-up. During the reset procedure the sensor will not process commands.
Interface Reset
If communication with the device is lost, the following signal sequence will reset the serial interface: While leaving SDA
high, toggle SCL nine or more times. This must be followed by a Transmission Start sequence preceding the next
command. This sequence resets the interface only. The status register preserves its content.
Soft Reset / Re-Initialization
The SHT85 provides a soft reset mechanism that forces the system into a well-defined state without removing the power
supply. When the system is in idle state the soft reset command can be sent to the SHT85. This triggers the sensor to
reset its system controller and reloads calibration data from the memory. In order to start the soft reset procedure the
command as shown in Table 13 should be sent.
It is worth noting that the sensor reloads calibration data prior to every measurement by default.
Command
Hex Code
Soft Reset
0x30A2
Table 13: Soft reset command (Clear blocks are controlled by
the microcontroller, grey blocks by the sensor).
Reset through General Call
Additionally, a reset of the sensor can also be generated using the “general call” mode according to I2C-bus
specification15. It is important to understand that a reset generated in this way is not device specific. All devices on the
same I2C bus that support the general call mode will perform a reset. Additionally, this command only works when the
sensor is able to process I2C commands. The appropriate command consists of two bytes and is shown in Table 14.
Command
Code
Address byte
0x00
Second byte
0x06
Reset command using the
general call address
0x0006
Table 14: Reset through the general call address (Clear blocks
are controlled by the microcontroller, grey blocks by the
sensor).
Hard Reset
A hard reset is achieved by switching the supply voltage to the VDD Pin off and then on again. In order to prevent
powering the sensor over the ESD diodes, the voltage to pins 1 (SCL) and 4 (SDA) also needs to be removed.
S General Call Address
1
2
3
4
5
6
7
8
9
Reset Command
1
2
3
4
5
6
7
8
9
General Call 1st byte
General Call 2nd byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com