Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT85 Datasheet(PDF) 3 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 3 Page - Sensirion AG Switzerland

  SHT85 Datasheet HTML 1Page - Sensirion AG Switzerland SHT85 Datasheet HTML 2Page - Sensirion AG Switzerland SHT85 Datasheet HTML 3Page - Sensirion AG Switzerland SHT85 Datasheet HTML 4Page - Sensirion AG Switzerland SHT85 Datasheet HTML 5Page - Sensirion AG Switzerland SHT85 Datasheet HTML 6Page - Sensirion AG Switzerland SHT85 Datasheet HTML 7Page - Sensirion AG Switzerland SHT85 Datasheet HTML 8Page - Sensirion AG Switzerland SHT85 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
3/23
1 Humidity and Temperature Sensor Specifications
Relative Humidity
Parameter
Conditions
Value
Units
Accuracy tolerance2
Typ.
1.5
%RH
Max.
see Figure 1 -
Repeatability3
Low, typ.
0.21
%RH
Medium, typ.
0.15
%RH
High, typ.
0.08
%RH
Resolution
Typ.
0.01
%RH
Hysteresis
At 25°C
0.8
%RH
Specified range4
Non-condensing environment5
0 to 100
%RH
Response time6
 63%
87
s
Long-term drift8
Typ.
<0.25
%RH/y
Table 1: Humidity sensor specifications
Temperature
Parameter
Conditions
Value
Units
Accuracy tolerance1
Typ., 20°C to 50 °C
0.1
°C
Max.
see Figure 2 -
Repeatability3
Low, typ.
0.15
°C
Medium, typ.
0.08
°C
High, typ.
0.04
°C
Resolution
Typ.
0.01
°C
Operating range
-
–40 to 1059
°C
Response time10
 63%
>2
s
Long-term drift
Max.
<0.03
°C/y
Table 2: Temperature sensor specifications
2 For definition of typ. and max. accuracy tolerance, please refer to the document “Sensirion Humidity Sensor Specification Statement”.
3 The stated repeatability is 3 times the standard deviation (3σ) of multiple consecutive measurement values at constant conditions and is a measure for the noise
on the physical sensor output.
4 Specified range refers to the range for which the humidity sensor specification is guaranteed.
5 Condensation shall be avoided because of risk of corrosion and leak currents on the PCB. For details about recommended humidity and temperature operating
range, please refer to Section 1.2.
6 Time for achieving 63% of a humidity step function, valid at 25°C and 1 m/s airflow. Humidity response time in the application depends on the design-in of the
sensor.
7 With activated ART function (see Section 4.8) the response time can be improved by a factor of 2.
8 Typical value for operation in normal RH/T operating range. Max. value is < 0.5 %RH/y. Value may be higher in environments with vaporized solvents, out-gassing
tapes, adhesives, packaging materials, etc. For more details please refer to Handling Instructions.
9 All parts, incl. PCB are rated up to 125°C, except for the connector, which is rated for 105°C.
10 Temperature response time depends on heat conductivity of sensor substrate and design-in of sensor in application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com