Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT85 Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  SHT85 Datasheet HTML 1Page - Sensirion AG Switzerland SHT85 Datasheet HTML 2Page - Sensirion AG Switzerland SHT85 Datasheet HTML 3Page - Sensirion AG Switzerland SHT85 Datasheet HTML 4Page - Sensirion AG Switzerland SHT85 Datasheet HTML 5Page - Sensirion AG Switzerland SHT85 Datasheet HTML 6Page - Sensirion AG Switzerland SHT85 Datasheet HTML 7Page - Sensirion AG Switzerland SHT85 Datasheet HTML 8Page - Sensirion AG Switzerland SHT85 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
4/23
Figure 1: Typical and maximal tolerance for relative humidity in %RH at 25 °C.
Figure 2: Typical and maximal tolerance for temperature sensor in °C
1.1 RH Accuracy at Various Temperatures
Typical RH accuracy at 25°C is defined in Figure 2. For other temperatures, typical accuracy has been evaluated to be
as displayed in Figure 4.
±0.0
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5
±4.0
0
10
20
30
40
50
60
70
80
90
100
Relative Humidity (%RH)
maximal tolerance
typical tolerance
DRH (%RH)
±0.0
±0.5
±1.0
±1.5
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
maximal tolerance
typical tolerance
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com