Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT85 Datasheet(PDF) 12 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 12 Page - Sensirion AG Switzerland

Back Button SHT85 Datasheet HTML 8Page - Sensirion AG Switzerland SHT85 Datasheet HTML 9Page - Sensirion AG Switzerland SHT85 Datasheet HTML 10Page - Sensirion AG Switzerland SHT85 Datasheet HTML 11Page - Sensirion AG Switzerland SHT85 Datasheet HTML 12Page - Sensirion AG Switzerland SHT85 Datasheet HTML 13Page - Sensirion AG Switzerland SHT85 Datasheet HTML 14Page - Sensirion AG Switzerland SHT85 Datasheet HTML 15Page - Sensirion AG Switzerland SHT85 Datasheet HTML 16Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
12/23
Command
Hex code
Fetch Data
0x E0 00
Table 10: Fetch Data command (Clear blocks are
controlled by the microcontroller, grey blocks by the
sensor).
4.8 ART Command
The ART (accelerated response time) feature can be activated by issuing the command in Table 11. After issuing the
ART command the sensor will start acquiring data with a frequency of 4Hz.
The ART command is structurally similar to any other command in Table 9. Hence Section 4.6 applies for starting a
measurement, Section 4.7 for reading out data and Section 4.9 for stopping the periodic data acquisition.
Command
Hex Code
Periodic Measurement with
ART
0x2B32
Table 11: Command for a periodic data acquisition with the
ART feature (Clear blocks are controlled by the
microcontroller, grey blocks by the sensor).
4.9 Break command / Stop Periodic Data Acquisition Mode
The periodic data acquisition mode can be stopped using the break command shown in Table 12. It is recommended to
stop the periodic data acquisition prior to sending another command (except Fetch Data command) using the break
command. Upon reception of the break command the sensor will abort the ongoing measurement and enter the single
shot mode. This takes 1ms.
Command
Hex Code
Break
0x3093
Table 12: Break command (Clear blocks are controlled by the
microcontroller, grey blocks by the sensor).
S
W
I2C Address
1
2
3
4
5
6
7
8
9
Command MSB
1
2
3
4
5
6
7
8
9
Command LSB
10 11 12 13 14 15 16 17 18
16-bit command
I2C write header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com