Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT85 Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  SHT85 Datasheet HTML 1Page - Sensirion AG Switzerland SHT85 Datasheet HTML 2Page - Sensirion AG Switzerland SHT85 Datasheet HTML 3Page - Sensirion AG Switzerland SHT85 Datasheet HTML 4Page - Sensirion AG Switzerland SHT85 Datasheet HTML 5Page - Sensirion AG Switzerland SHT85 Datasheet HTML 6Page - Sensirion AG Switzerland SHT85 Datasheet HTML 7Page - Sensirion AG Switzerland SHT85 Datasheet HTML 8Page - Sensirion AG Switzerland SHT85 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
1/23
Datasheet SHT85
Humidity and Temperature Sensor
▪ High-accuracy RH&T sensor for demanding
measurement & test applications
▪ Typical accuracy of
 1.5 %RH and  0.1 °C
▪ Pin-type packaging for easy integration and
replacement
▪ Fully calibrated, linearized, and temperature
compensated digital output
▪ On-package membrane protected by exclusive license for several patents1
Product Summary
SHT85 is Sensirion’s best-in-class humidity sensor with pin-type connector for easy integration and
replacement. It builds on a highly accurate and long-term stable SHT3x sensor that is at the heart of Sensirion’s
new humidity and temperature platform. The unique package design allows for the best possible thermal
coupling to the environment and decoupling from potential heat sources on the main board. The SHT85 features
a PTFE membrane dedicated to protect the sensor opening from liquids and dust according to IP67, without
affecting the response time of the RH signal. It thus allows for sensor use under harsh environmental conditions,
(such as spray water and high exposure to dust). Sensirion holds an exclusive license for several patents for
employing an on-package filter membrane on a humidity sensor1. Final accuracy testing on product level
ensures best performance, making the SHT85 the ultimate choice for even the most demanding applications.
Benefits of Sensirion’s CMOSens® Technology
▪ High reliability and long-term stability
▪ Industry-proven technology with a track record of more than 10 years
▪ Designed for mass production
▪ Optimized for lowest cost
▪ Low signal noise
1
EP 1810013 B1; US 7,741,950; CN 101040181 B


Similar Part No. - SHT85

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SHT842 CELDUC-SHT842 Datasheet
176Kb / 3P
Three phase Solid State Relay for printed circuit board
More results

Similar Description - SHT85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
Humidity and Temperature Sensor IC
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Silicon Laboratories
SI7021-A20-IM SILABS-SI7021-A20-IM Datasheet
1Mb / 36P
2C HUMIDITY AND TEMPERATURE SENSOR
Rev. 1.2 8/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com