Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT85 Datasheet(PDF) 6 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 6 Page - Sensirion AG Switzerland

Back Button SHT85 Datasheet HTML 2Page - Sensirion AG Switzerland SHT85 Datasheet HTML 3Page - Sensirion AG Switzerland SHT85 Datasheet HTML 4Page - Sensirion AG Switzerland SHT85 Datasheet HTML 5Page - Sensirion AG Switzerland SHT85 Datasheet HTML 6Page - Sensirion AG Switzerland SHT85 Datasheet HTML 7Page - Sensirion AG Switzerland SHT85 Datasheet HTML 8Page - Sensirion AG Switzerland SHT85 Datasheet HTML 9Page - Sensirion AG Switzerland SHT85 Datasheet HTML 10Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
6/23
2 Electrical Specifications
2.1 Electrical Characteristics
Parameter
Symbol Conditions
Min
Typ.
Max
Units Comments
Supply voltage
VDD
2.15
3.3
5.5
V
-
Power-up/down level
VPOR
1.8
2.1
2.15
V
-
Slew rate change of the
supply voltage
VDD,slew
-
-
20
V/ms Voltage changes on the VDD
line between VDD,min and
VDD,max should be slower
than the maximum slew rate;
faster slew rates may lead to
reset;
Supply current
IDD
Idle state
(single shot mode)
T= 25°C
-
0.2
12.0
µA
Current when sensor is not
performing a measurement
during single shot mode
Idle state
(single shot mode)
T= 125°C
-
-
6.0
Idle state
(periodic data acquisition
mode)
-
45
-
µA
Current when sensor is not
performing a measurement
during periodic data
acquisition mode
Measurement
-
600
1500
µA
Current consumption while
sensor is measuring
Average
-
1.7
-
µA
Average current
consumption (operation with
one measurement per
second at lowest
repeatability, single shot
mode)
Heater Power
PHeater
Heater running
3.6
-
33
mW
Depending on the supply
voltage
Table 3: Electrical specifications, typical values are valid for T=25°C, min. & max. values for T=-40°C … 125°C.
2.2 Timing Specifications
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Comments
Power-up time
tPU
After hard reset, VDD ≥
VPOR
-
0.5
1.5
ms
Time between VDD reaching VPU
and sensor entering idle state
Soft reset time
tSR
After soft reset.
-
0.5
1.5
ms
Time between ACK of soft reset
command and sensor entering idle
state
Measurement duration
tMEAS,l
Low repeatability
-
2.5
4.5
ms
The three repeatability modes differ
with respect to measurement
duration, noise level and energy
consumption.
tMEAS,m
Medium repeatability
-
4.5
6.5
ms
tMEAS,h
High repeatability
-
12.5
15.5
ms
Table 4: System timing specifications, valid from -40 °C to 125 °C and VDDmin to VDDmax.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com