Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT85 Datasheet(PDF) 16 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 16 Page - Sensirion AG Switzerland

Back Button SHT85 Datasheet HTML 12Page - Sensirion AG Switzerland SHT85 Datasheet HTML 13Page - Sensirion AG Switzerland SHT85 Datasheet HTML 14Page - Sensirion AG Switzerland SHT85 Datasheet HTML 15Page - Sensirion AG Switzerland SHT85 Datasheet HTML 16Page - Sensirion AG Switzerland SHT85 Datasheet HTML 17Page - Sensirion AG Switzerland SHT85 Datasheet HTML 18Page - Sensirion AG Switzerland SHT85 Datasheet HTML 19Page - Sensirion AG Switzerland SHT85 Datasheet HTML 20Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
16/23
4.13 Checksum Calculation
The 8-bit CRC checksum transmitted after each data word is generated by a CRC algorithm. Its properties are displayed
in Table 19. The CRC covers the contents of the two previously transmitted data bytes. To calculate the checksum only
these two previously transmitted data bytes are used.
Property
Value
Name
CRC-8
Width
8 bit
Protected data read and/or write data
Polynomial
0x31 (x8 + x5 + x4 + 1)
Initialization
0xFF
Reflect input
False
Reflect output False
Final XOR
0x00
Examples
CRC (0xBEEF) = 0x92
Table 19: I2C CRC properties.
4.14 Conversion of Signal Output
Measurement data is always transferred as 16-bit values (unsigned integer). These values are already linearized and
compensated for temperature and supply voltage effects. Converting those raw values into a physical scale can be
achieved using the following formulas.
Relative humidity conversion formula (result in %RH):
1
16
RH
2
S
100
RH
Temperature conversion formula (result in °C & °F):
 
 
1
1
16
T
16
T
2
S
315
49
F
T
2
S
175
45
C
T
SRH and ST denote the raw sensor output for humidity and temperature, respectively. The formulas work only correctly
when SRH and ST are used in decimal representation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com