Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT85 Datasheet(PDF) 14 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 14 Page - Sensirion AG Switzerland

Back Button SHT85 Datasheet HTML 10Page - Sensirion AG Switzerland SHT85 Datasheet HTML 11Page - Sensirion AG Switzerland SHT85 Datasheet HTML 12Page - Sensirion AG Switzerland SHT85 Datasheet HTML 13Page - Sensirion AG Switzerland SHT85 Datasheet HTML 14Page - Sensirion AG Switzerland SHT85 Datasheet HTML 15Page - Sensirion AG Switzerland SHT85 Datasheet HTML 16Page - Sensirion AG Switzerland SHT85 Datasheet HTML 17Page - Sensirion AG Switzerland SHT85 Datasheet HTML 18Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
14/23
4.11 Heater
The SHT85 is equipped with an internal heater, which is meant for plausibility checking only. The temperature increase
achieved by the heater depends on various parameters and lies in the range of a few degrees centigrade. It can be
switched on and off by command, see table below. The status is listed in the status register. After a reset the heater is
disabled (default condition).
Command
Hex Code
MSB
LSB
Heater Enable
0x30
6D
Heater Disabled
66
Table 15: Heater command (Clear blocks are controlled by
the microcontroller, grey blocks by the sensor).
4.12 Status Register
The status register contains information on the operational status of the heater, the alert mode and on the execution
status of the last command and the last write sequence. The command to read out the status register is shown in Table
16 whereas a description of the content can be found in Table 17.
Command
Hex code
Read Out of status register
0xF32D
Table 16: Command to read out the status register (Clear
blocks are controlled by the microcontroller, grey blocks by
the sensor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com