Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT85 Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  SHT85 Datasheet HTML 1Page - Sensirion AG Switzerland SHT85 Datasheet HTML 2Page - Sensirion AG Switzerland SHT85 Datasheet HTML 3Page - Sensirion AG Switzerland SHT85 Datasheet HTML 4Page - Sensirion AG Switzerland SHT85 Datasheet HTML 5Page - Sensirion AG Switzerland SHT85 Datasheet HTML 6Page - Sensirion AG Switzerland SHT85 Datasheet HTML 7Page - Sensirion AG Switzerland SHT85 Datasheet HTML 8Page - Sensirion AG Switzerland SHT85 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
5/23
RH (%RH)
100
±2
±2
±2
±2
±2
±2
±2
±2
±2
90 ±2
±2
±2
±2
±2
±2
±2
±2
±2
80 ±2
±2
±2
±2
70 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5
±2
±2
60 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5
±2
±2
50 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5
±2
±2
40 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5
±2
30 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5
±2
20 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5
±2
10 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5
±2
0 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5 ±1.5
±2
0
10
20
30
40
50
60
70
80
Temperature (°C)
Figure 3: Typical accuracy of relative humidity measurements given in %RH for temperatures 0 – 80°C.
1.2 Recommended Operating Conditions
The sensor shows best performance when operated within recommended normal temperature and humidity range of
5 – 60 °C and 20 – 80 %RH, respectively. Long term exposure to conditions outside normal range, especially at high
humidity, may temporarily offset the RH signal (e.g. +3%RH after 60h at >80%RH). After returning into the normal
temperature and humidity range, the sensor will slowly come back to calibration state by itself. Prolonged exposure to
extreme conditions may accelerate ageing.
To ensure stable operation of the humidity sensor, the conditions described in the document “SHTxx Assembly of SMD
Packages”, Section “Storage and Handling Instructions” regarding exposure to volatile organic compounds have to be
met. Please note as well that this does apply not only to transportation and manufacturing, but also to operation of the
SHT85.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com