Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7462F Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 25Page - Texas Instruments TMUX7462F Datasheet HTML 26Page - Texas Instruments TMUX7462F Datasheet HTML 27Page - Texas Instruments TMUX7462F Datasheet HTML 28Page - Texas Instruments TMUX7462F Datasheet HTML 29Page - Texas Instruments TMUX7462F Datasheet HTML 30Page - Texas Instruments TMUX7462F Datasheet HTML 31Page - Texas Instruments TMUX7462F Datasheet HTML 32Page - Texas Instruments TMUX7462F Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX7462F is part of the fault protected switches and multiplexers family of devices. The abilty to protect
downstream components from overvoltage events up to ±60 V and latch-up immunity features makes these
switches and multiplexers suitable for harsh environments.
9.2 Typical Application
The need to monitor remote sensors is common among factory automation control systems. For example,
an analog input module or mixed module (AI, AO, DI, and DO) of a programmable logic controller (PLC)
will interface to a field transmitter to monitor various process sensors at remote locations around the factory.
A switch or multiplexer is often used to connect multiple inputs from the system and reduce the number of
downstream channels.
There are a number of fault cases that may occur that can be damaging to many of the integrated circuits. Such
fault conditions may include, but are not limited to, human error due to miswiring, component failure, wire shorts,
electromagnetic interference (EMI), transient distrubances, and more.
PLC Anaog Input / Output Module
V
Fault
Protected
Mux Inputs
S1
S2
S3
S4
D1
D2
D3
D4
TMUX7462F
V
DD
V
SS
+15V -15V
VFP
VFN
+10V -10V
+24V
Wire
Short
Fault!
High voltage
offset shift
Fault!
Does not require logic control
pins from MCU/processor
Analog Input
Signals
Analog Output
Signals
Field Module
DAC
DAC
+
±
+15V
-15V
VOUT
VSense
-
+
+10V
-10V
-
+
+10V
-10V
ADC
IN1
IN2
Figure 9-1. Typical Application
www.ti.com
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com