Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7462F Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 10Page - Texas Instruments TMUX7462F Datasheet HTML 11Page - Texas Instruments TMUX7462F Datasheet HTML 12Page - Texas Instruments TMUX7462F Datasheet HTML 13Page - Texas Instruments TMUX7462F Datasheet HTML 14Page - Texas Instruments TMUX7462F Datasheet HTML 15Page - Texas Instruments TMUX7462F Datasheet HTML 16Page - Texas Instruments TMUX7462F Datasheet HTML 17Page - Texas Instruments TMUX7462F Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
6.10 Typical Characteristics
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
Dual Supply Voltages
Figure 6-1. On-Resistance vs Source or Drain Voltage
Dual Supply Flat Ron Region
Figure 6-2. On-Resistance vs Source or Drain Voltage
Flatest RON region for all supply voltages shown
Figure 6-3. On-Resistance vs Source or Drain Voltage
±15 V Supply Flatest Ron Region
Figure 6-4. On-Resistance vs Source or Drain Voltage
±20 V Supply Flatest Ron Region
Figure 6-5. On-Resistance vs Source or Drain Voltage
Single Supply Voltages
Figure 6-6. On-Resistance vs Source or Drain Voltage
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com