Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7462F Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 23Page - Texas Instruments TMUX7462F Datasheet HTML 24Page - Texas Instruments TMUX7462F Datasheet HTML 25Page - Texas Instruments TMUX7462F Datasheet HTML 26Page - Texas Instruments TMUX7462F Datasheet HTML 27Page - Texas Instruments TMUX7462F Datasheet HTML 28Page - Texas Instruments TMUX7462F Datasheet HTML 29Page - Texas Instruments TMUX7462F Datasheet HTML 30Page - Texas Instruments TMUX7462F Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
8.3.2.5 Latch-Up Immunity
Latch-up is a condition where a low impedance path is created between a supply pin and ground. This condition
is caused by a trigger (current injection or overvoltage), but once activated, the low impedance path remains
even after the trigger is no longer present. This low impedance path may cause system upset or catastrophic
damage due to excessive current levels. The Latch-up condition typically requires a power cycle to eliminate the
low impedance path.
An insulating oxide layer is placed on top of the silicon substrate to prevent any parasitic junctions from forming
in the TMUX7462F devices. As a result, the devices are latch-up immune under all circumstances by device
construction.
8.3.2.6 EMC Protection
The TMUX7462F is not intended for standalone electromagnetic compatibility (EMC) protection in industrial
applications. There are three common high voltage transient specifications that govern industrial high voltage
transient specifications: IEC61000-4-2 (ESD), IEC61000-4-4 (EFT), and IEC61000-4-5 (surge immunity). A
transient voltage suppressor (TVS), along with some low-value series current limiting resistor, are required to
prevent source input voltages from going above the rated ±60 V limits.
It is critical to ensure that the maximum working voltage is greater than the normal operating range of the input
source pins protected and any known system common-mode overvoltage that may be present due to incorrect
wiring, loss of power, or short circuit when selecting a TVS protection device. Figure 8-2 shows an example of
the proper design window when selecting a TVS device.
Region 1 denotes the normal operation region of TMUX7462F, where the input source voltages stay below
the fault supplies VFP and VFN. Region 2 represents the range of possible persistent DC (or long duration AC
overvoltage fault) presented on the source input pins. Region 3 represents the margin between any known
DC overvoltage level and the absolute maximum rating of the TMUX7462F. The TVS breakdown voltage must
be selected to be less than the absolute maximum rating of the TMUX7462F, but greater than any known
possible persistent DC or long duration AC overvoltage fault to avoid triggering the TVS inadvertently. Region 4
represents the margin the system designers must impose when selecting the TVS protection device to prevent
accidental triggering the ESD cells of the TMUX7462F.
Normal Operation
Fault Voltage
Supply VFP
System
Overvoltage
Overvoltage
Protection Window
Device Absolute
Max Rating
Internal ESD
Trigger Voltage
1
2
3
4
TVS
Breakdown
Voltage
Fault Voltage
Supply VFN
0 V
Overvoltage
Protection Window
2
3
4
TVS
Breakdown
Voltage
System
Overvoltage
Device Absolute
Max Rating
Internal ESD
Trigger Voltage
Figure 8-2. System Operation Regions and Proper Region of Selecting a TVS Protection Device
www.ti.com
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com