Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7462F Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 17Page - Texas Instruments TMUX7462F Datasheet HTML 18Page - Texas Instruments TMUX7462F Datasheet HTML 19Page - Texas Instruments TMUX7462F Datasheet HTML 20Page - Texas Instruments TMUX7462F Datasheet HTML 21Page - Texas Instruments TMUX7462F Datasheet HTML 22Page - Texas Instruments TMUX7462F Datasheet HTML 23Page - Texas Instruments TMUX7462F Datasheet HTML 24Page - Texas Instruments TMUX7462F Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
7.4 Fault Response Time
Fault response time (tRESPONSE) measures the delay between the source voltage exceeding the fault supply
voltage (VFP or VFN) by 0.5V and the drain voltage failing to 90% of the fault supply voltage exceeded. Figure 7-5
shows the setup used to measure tRESPONSE.
VS
0 V
tRESPONSE (FP)
Output
VFP + 0.5 V
0 V
Output × 90%
VFP
VS
0 V
tRESPONSE (FN)
Output
VFN - 0.5 V
0 V
Output × 90%
VFN
tRESPONSE = max ( tRESPONSE(FP), tRESPONSE(FN))
GND
RL
VS
GND
CL
GND
Sx
GND
GND
Dx
All other source &
drain pins
SW
Output
VDD VSS
VFP VFN
VDD
VSS
0.1 µF
GND
0.1 µF
GND
0.1 µF
GND
VFN
0.1 µF
GND
VFP
60V/µs
ramp
60V/µs
ramp
Max positive fault
Max negative fault
Figure 7-5. Fault Response Time Measurement Setup
7.5 Fault Recovery Time
Fault recovery time (tRECOVERY) measures the delay between the source voltage falling from overvoltage
condition to below fault supply voltage (VFP or VFN) plus 0.5 V and the drain voltage rising from 0V to 50%
of the fault supply voltage exceeded. Figure 7-6 shows the setup used to measure tRECOVERY.
VS
tRECOVERY (FP)
Output
VFP + 0.5 V
0 V
VFP × 0.5
Output
0 V
tRECOVERY = max ( tRECOVERY(FP), tRECOVERY(FN))
0 V
VFN - 0.5 V
0 V
VFN × 0.5
tRECOVERY (FN)
VS
GND
RL
VS
GND
CL
GND
Sx
GND
GND
Dx
All other
source &
drain pins
SW
Output
VDD VSS
VFP VFN
VDD
VSS
0.1 µF
GND
0.1 µF
GND
0.1 µF
GND
VFN
0.1 µF
GND
VFP
VFP - 2 V
VFN + 2 V
Figure 7-6. Fault Recovery Time Measurement Setup
www.ti.com
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com