Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7462F Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 22Page - Texas Instruments TMUX7462F Datasheet HTML 23Page - Texas Instruments TMUX7462F Datasheet HTML 24Page - Texas Instruments TMUX7462F Datasheet HTML 25Page - Texas Instruments TMUX7462F Datasheet HTML 26Page - Texas Instruments TMUX7462F Datasheet HTML 27Page - Texas Instruments TMUX7462F Datasheet HTML 28Page - Texas Instruments TMUX7462F Datasheet HTML 29Page - Texas Instruments TMUX7462F Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
8.3.2.2 Powered-Off Protection
The source (Sx) pins of the device remain in the high impedance (Hi-Z) state, and the device performance
remains within the leakage performance specifications when the supplies of TMUX7462F are removed (VDD/ VSS
= 0 V or floating) or at a level that is below the undervoltage (UV) threshold. Powered-off protection minimizes
system design complexity by removing the need to control the system's power supply sequencing. The feature
prevents errant voltages on the input source pins from reaching the rest of the system and maintains isolation
when the system is powering up. Without powered-off protection, signal on the input source pins can back-power
the supply rails through internal ESD diodes and cause potential damage to the system.
A GND reference must always be present to ensure proper operation. Source and drain voltage levels of up to
±60 V are blocked in the powered-off condition.
8.3.2.3 Fail-Safe Logic
Fail-Safe logic circuitry allows voltages on the control input pin (DR) to be applied before the supply pins. This
eliminates the need for power sequencing of the logic signals and protects the device from potential damage.
The control inputs are protected against positive faults of up to +44 V in the powered-off condition, but do not
offer protection against a negative overvoltage condition.
8.3.2.4 Overvoltage Protection and Detection
The TMUX7462F detects overvoltage inputs by comparing the voltage on a source pin (Sx) with the fault
supplies (VFP and VFN). A signal is considered overvoltage if it exceeds the fault supply voltages by the threshold
voltage (VT).
The switch automatically turns OFF and the source pin becomes high impedance to ensures only small leakage
currents flow through the switch when an overvoltage is detected. The drain pin (Dx) behavior can be adjusted
by controlling the drain response (DR) pin in the following ways:
1. DR pin floating or driven above VIH:
If the DR pin is driven about VIH level of the pin, then the drain pin becomes high impedance (Hi-Z) upon
overvoltage fault.
2. DR driven below VIL:
If the DR pin is driven below VIL level of the pin, then the drain pin (Dx) is pulled to the supply that was
exceeded. For example, if the source voltage exceeds VFP, then the drain output is pulled to VFP. If the
source voltage exceeds VFN, then the drain output is pulled to VFN. The pull-up impedance is approximately
40 kΩ, and as a result, the drain current is limited to roughly 1 mA during a shorted load (to GND) condition.
Figure 8-1 shows a detailed view of the how the DR pin controls the output state of the drain pin under a fault
scenario.
Sx
Dx
DR
VDD
VSS
VFP
VFN
GND
ESD
Protection
Fault
Detection
40 k
40 k
Logic
Figure 8-1. Detailed Functional Diagram
VFP and VFN are required fault supplies that set the level at which the overvoltage protection is engaged. VFP can
be supplied from 3 V to VDD, while the VFN can be supplied from VSS to 0 V. If the fault supplies are not available
in the system, then the VFP pin must be connected to VDD, while the VFN pin must be connected to VSS. In this
case, the overvoltage protection then engages at the primary supply voltages VDD and VSS.
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com