Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7462F Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 5Page - Texas Instruments TMUX7462F Datasheet HTML 6Page - Texas Instruments TMUX7462F Datasheet HTML 7Page - Texas Instruments TMUX7462F Datasheet HTML 8Page - Texas Instruments TMUX7462F Datasheet HTML 9Page - Texas Instruments TMUX7462F Datasheet HTML 10Page - Texas Instruments TMUX7462F Datasheet HTML 11Page - Texas Instruments TMUX7462F Datasheet HTML 12Page - Texas Instruments TMUX7462F Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
6.7 ±20 V Dual Supply: Electrical Characteristics (continued)
VDD = +20 V ± 10%, VSS = –20 V ±10%, GND = 0 V (unless otherwise noted)
Typical at VDD = +20 V, VSS = –20 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
tRESPONSE
Fault response time
VFP = 10 V, VFN = –10 V,
RL = 300 Ω, CL= 12 pF
25°C
150
400
ns
–40°C to +85°C
430
–40°C to +125°C
450
tRECOVERY
Fault recovery time
VFP = 10 V, VFN = –10 V,
RL = 300 Ω, CL= 12 pF
25°C
1100
4500
ns
–40°C to +85°C
4900
–40°C to +125°C
4900
tRESPONSE(FLAG) Fault flag response time
VFP = 10 V, VFN = –10 V,
VPU = 5 V, RPU = 1k Ω, CL= 12 pF
–40°C to +125°C
220
ns
tRECOVERY(FLAG) Fault flag recovery time
VFP = 10 V, VFN = –10 V,
VPU = 5 V, RPU = 1k Ω, CL= 12 pF
–40°C to +125°C
1.1
µs
tRESPONSE(DR)
Fault output response time
VFP = 10 V, VFN = –10 V, VPU = 5 V, CL= 12
pF
–40°C to +125°C
2.7
µs
XTALK
Intra-channel crosstalk
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 0 V, f = 1 MHz
25°C
–100
dB
BW
–3 dB bandwidth
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 0 V
25°C
650
MHz
ILOSS
Insertion loss
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 0 V, f = 1 MHz
25°C
–0.7
dB
THD+N
Total harmonic distortion plus
noise
RS = 50 Ω, RL = 10 kΩ,
VS = 20 VPP, VBIAS = 0 V,
f = 20 Hz to 20k Hz
25°C
0.0006
%
CS(ON),
CD(ON)
Input/Output on-capacitance
f = 1 MHz, VS = 0 V
25°C
14
pF
POWER SUPPLY
IDD
VDD supply current
VDD = VFP = 22 V,
VSS = VFN = –22 V,
VDR = 0V, 5V, or VDD
25°C
0.32
0.5
mA
–40°C to +85°C
0.5
–40°C to +125°C
0.6
ISS
VSS supply current
VDD = VFP = 22 V,
VSS = VFN = –22 V,
VDR = 0V, 5V, or VDD
25°C
0.26
0.4
mA
–40°C to +85°C
0.4
–40°C to +125°C
0.5
IGND
GND current
VDD = VFP = 22 V, VSS = VFN = –22 V,
VDR = 0V, 5V, or VDD
25°C
0.07
mA
IFP
VFP supply current
VDD = VFP = 22 V, VSS = VFN = –22 V,
VDR = 0V, 5V, or VDD
25°C
10
µA
IFN
VFN supply current
VDD = VFP = 22 V, VSS = VFN = –22 V,
VDR = 0V, 5V, or VDD
25°C
10
µA
IDD(FA)
VDD supply current under fault
VS = ± 60 V,
VDD = VFP = 22 V, VSS = VFN = –22 V,
VDR = 0V, 5V, or VDD
25°C
0.27
0.5
mA
–40°C to +85°C
0.5
–40°C to +125°C
0.6
ISS(FA)
VSS supply current under fault
VS = ± 60 V,
VDD = VFP = 22 V, VSS = VFN = –22 V,
VDR = 0V, 5V, or VDD
25°C
0.2
0.3
mA
–40°C to +85°C
0.3
–40°C to +125°C
0.4
IGND(FA)
GND current under fault
VS = ± 60 V,
VDD = VFP = 22 V, VSS = VFN = –22 V,
VDR = 0V, 5V, or VDD
25°C
0.15
mA
IFP(FA)
VFP supply current under fault
25°C
10
µA
IFN(FA)
VFN supply current under fault
25°C
10
µA
(1)
When VS is at a voltage potential, VD is floating, or when VD is at a voltage potential, VS is floating.
www.ti.com
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com