Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7462F Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 6Page - Texas Instruments TMUX7462F Datasheet HTML 7Page - Texas Instruments TMUX7462F Datasheet HTML 8Page - Texas Instruments TMUX7462F Datasheet HTML 9Page - Texas Instruments TMUX7462F Datasheet HTML 10Page - Texas Instruments TMUX7462F Datasheet HTML 11Page - Texas Instruments TMUX7462F Datasheet HTML 12Page - Texas Instruments TMUX7462F Datasheet HTML 13Page - Texas Instruments TMUX7462F Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
6.8 12 V Single Supply: Electrical Characteristics
VDD = +12 V ± 10%, VSS = 0 V, GND = 0 V (unless otherwise noted)
Typical at VDD = +12 V, VSS = 0 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = 0 V to 7.8 V,
IS = –10mA
25°C
8.3
11
Ω
VS = 0 V to 7.8 V, IS = –10mA
–40°C to +85°C
15
Ω
VS = 0 V to 7.8 V, IS = –10mA
–40°C to +125°C
18
Ω
ΔRON
On-resistance mismatch between
channels
VS = 0 V to 7.8 V,
IS = –10mA
25°C
0.05
0.5
Ω
–40°C to +85°C
0.6
–40°C to +125°C
0.7
RFLAT
On-resistance flatness
VS = 0 V to 7.8 V,
IS = –10mA
25°C
0.05
0.4
Ω
–40°C to +85°C
0.5
–40°C to +125°C
0.5
RON_DRIFT
On-resistance drift
VS = 6 V, IS = –10 mA
–40°C to +125°C
0.04
Ω/°C
IS(ON),
ID(ON)
Output on leakage current(1)
Switch state is on,
VDD = 13.2 V, VSS = 0 V,
VS = VD = 1 V/ 10 V,
25°C
–0.7
0.1
0.7
nA
–40°C to +85°C
–2
2
–40°C to +125°C
–14
14
FAULT CONDITION
IS(FA)
Input leakage current
durring overvoltage
VS = ± 60 V, GND = 0 V,
VDD = VFP = 13.2 V, VSS = VFN = 0 V,
–40°C to +125°C
±145
µA
IS(FA) Grounded
Input leakage current
during overvoltage with
grounded supply voltages
VS = ± 60 V, GND = 0 V,
VDD = VSS = VFP = VFN = 0 V
–40°C to +125°C
±135
µA
IS(FA) Floating
Input leakage current
during overvoltage with
floating supply voltages
VS = ± 60 V, GND = 0 V,
VDD = VSS = VFP = VFN = floating
–40°C to +125°C
±140
µA
ID(FA)
Output leakage current
during overvoltage
VS = ± 60 V, GND = 0V,
VDD = VFP = 13.2 V, VSS = VFN = 0 V,
VDR = 5 V or floating
25°C
–20
±2
20
nA
–40°C to +85°C
–30
30
–40°C to +125°C
–50
50
ID(FA) Grounded
Output leakage current
during overvoltage with
grounded supply voltages
VS = ± 60 V, GND = 0 V,
VDD = VSS = VFP = VFN = 0 V
25°C
–30
±10
30
nA
–40°C to +85°C
–50
50
–40°C to +125°C
–90
90
ID(FA) Floating
Output leakage current
during overvoltage with
floating supply voltages
VS = ± 60 V, GND = 0 V,
VDD = VSS = VFP = VFN = floating
25°C
±0.6
µA
–40°C to +85°C
±1.3
–40°C to +125°C
±2.3
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com