Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7462F Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 16Page - Texas Instruments TMUX7462F Datasheet HTML 17Page - Texas Instruments TMUX7462F Datasheet HTML 18Page - Texas Instruments TMUX7462F Datasheet HTML 19Page - Texas Instruments TMUX7462F Datasheet HTML 20Page - Texas Instruments TMUX7462F Datasheet HTML 21Page - Texas Instruments TMUX7462F Datasheet HTML 22Page - Texas Instruments TMUX7462F Datasheet HTML 23Page - Texas Instruments TMUX7462F Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
7.3 Input and Output Leakage Current under Overvoltage Fault
If any of the source pin voltage goes above the fault supplies (VFP or VFN) by one threshold voltage (VT),
the TMUX7462F's overvoltage protection feature is triggered to turn off the switch under fault, keeping the
fault channel in the high-impedance state. IS(FA) and ID(FA) denotes the input and output leakage current under
overvoltage fault conditions, respectively. The supply (or supplies) can either be in normal operating condition
(Figure 7-3) or abnormal operating condition (Figure 7-4) when the overvoltage fault occurs. The supply (or
supplies) can either be unpowered (VDD= VSS = VFN = VFP = 0 V), floating (VDD= VSS = VFN = VFP = No
Connection), or at any level that is below the undervoltage (UV) threshold during abnormal operating conditions.
Is (FA)
S1
GND
A
GND
VS
IS(FA) / ID(FA)
D1
Is (FA)
S4
GND
A
VS
D4
SW
SW
A
ID (FA)
A
ID (FA)
( |VS| > |VFP + VT| or |VFN - VT| , DR = Floating or VDD)
VDD
VSS
VFP VFN
GND
VD
GND
VD
Figure 7-3. Measurement Setup for Input and Output Leakage Current Under Overvoltage Fault with
Normal Supplies
Is (FA)
S1
VDD
VSS
GND
A
GND
VS
D1
Is (FA)
S4
GND
A
VS
D4
GND
RL
A
ID (FA)
GND
RL
A
ID (FA)
SW
SW
GND
Is (FA)
S1
GND
A
GND
VS
D1
Is (FA)
S4
GND
A
VS
D4
GND
RL
A
ID (FA)
GND
RL
A
ID (FA)
SW
SW
Unpowered
(VDD = VSS = VFN = VFP = 0 V)
N.C.
VFP VFN
VDD
VSS
VFP
Floating
(VDD = VSS = VFN = VFP = N.C.)
VFN
Figure 7-4. Measurement Setup for Input and Output Leakage Current Under Overvoltage Fault with
Unpowered or Floating Supplies
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com