Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7462F Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 27Page - Texas Instruments TMUX7462F Datasheet HTML 28Page - Texas Instruments TMUX7462F Datasheet HTML 29Page - Texas Instruments TMUX7462F Datasheet HTML 30Page - Texas Instruments TMUX7462F Datasheet HTML 31Page - Texas Instruments TMUX7462F Datasheet HTML 32Page - Texas Instruments TMUX7462F Datasheet HTML 33Page - Texas Instruments TMUX7462F Datasheet HTML 34Page - Texas Instruments TMUX7462F Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
10 Power Supply Recommendations
The TMUX7462F operates across a wide supply range of ±5 V to ±22 V (8 V to 44 V in single-supply mode).
The device also performs well with asymmetrical supplies such as VDD = 12 V and VSS= –5 V. For improved
supply noise immunity, use a supply decoupling capacitor ranging from 1 µF to 10 µF at the VDD and VSS pins to
ground. Always ensure the ground (GND) connection is established before supplies are ramped.
The fault supplies (VFP and VFN) provide the current required to operate the fault protection, and thus, must be
low impedance supplies. They can be derived from the primary supplies by using a resistor divider and buffer
or be an independent supply rail. The fault supplies must not exceed the primary supplies as it might cause
unexpected behavior of the switch. Use a supply decoupling capacitor ranging from 1 µF to 10 µF at the VFP and
VFN pins to ground for improved supply noise immunity.
The positive supply, VDD, must be ramped before the positive fault rail, VFP, for proper power sequencing of the
TMUX7462F. Similarly, the negative supply, VSS, must be ramped before the negative fault voltage rail, VFN.
www.ti.com
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com