Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7462F Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 20Page - Texas Instruments TMUX7462F Datasheet HTML 21Page - Texas Instruments TMUX7462F Datasheet HTML 22Page - Texas Instruments TMUX7462F Datasheet HTML 23Page - Texas Instruments TMUX7462F Datasheet HTML 24Page - Texas Instruments TMUX7462F Datasheet HTML 25Page - Texas Instruments TMUX7462F Datasheet HTML 26Page - Texas Instruments TMUX7462F Datasheet HTML 27Page - Texas Instruments TMUX7462F Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
7.10 Bandwidth
Bandwidth (BW) is defined as the range of frequencies that are attenuated by < 3 dB when the input is applied
to the source pin (Sx) of an on-channel, and the output is measured at the TMUX7462F's drain pin (D or Dx).
Figure 7-11 shows the setup used to measure bandwidth of the switch.
$=J@SE@PD = 20 × .KC
8176
85
GND
SX
Dx
VS
VOUT
RS
50Ÿ
Network Analyzer
SW
50Ÿ
Other
Sx/ Dx
pins
VDD VSS
VFP VFN
VDD
VSS
0.1 µF
GND
0.1 µF
GND
0.1 µF
GND
VFN
0.1 µF
GND
VFP
Figure 7-11. Bandwidth Measurement Setup
7.11 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined as
the ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency at the
multiplexer output. The on-resistance of the TMUX7462F varies with the amplitude of the input signal and results
in distortion when the drain pin is connected to a low-impedance load. Total harmonic distortion plus noise is
denoted as THD+N. Figure 7-12 shows the setup used to measure THD+N of the devices.
GND
SX
Dx
VS
Audio Precision
VOUT
RS
RL
SW
50Ÿ
Other
Sx/ Dx
pins
VDD VSS
VFP VFN
VDD
VSS
0.1 µF
GND
0.1 µF
GND
0.1 µF
GND
VFN
0.1 µF
GND
VFP
Figure 7-12. THD+N Measurement Setup
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com