Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 2 Page - Microchip Technology

  MIC4680 Datasheet HTML 1Page - Microchip Technology MIC4680 Datasheet HTML 2Page - Microchip Technology MIC4680 Datasheet HTML 3Page - Microchip Technology MIC4680 Datasheet HTML 4Page - Microchip Technology MIC4680 Datasheet HTML 5Page - Microchip Technology MIC4680 Datasheet HTML 6Page - Microchip Technology MIC4680 Datasheet HTML 7Page - Microchip Technology MIC4680 Datasheet HTML 8Page - Microchip Technology MIC4680 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC4680
DS20006623A-page 2
2021 Microchip Technology Inc. and its subsidiaries
Typical Application Circuits
Functional Block Diagrams
SW
L1
68μH
IN
FB
GND
SHDN
C2
220μF
16V
D1
B260A or
SS26
3.3V/1A
MIC4680-3.3YM
C1
15μF
35V
+6V to +34V
SHUTDOWN
ENABLE
5–8
4
3
2
1
Power
SOIC-8
Fixed Regulator Circuit
Adjustable Regulator Circuit
SW
L1
68μH
IN
FB
GND
SHDN
C2
220μF
16V
R1
3.01k
R2
2.94k
2.5V/1A
MIC4680YM
C1
15μF
35V
+5V to +34V
SHUTDOWN
ENABLE
Power
SOIC-8
5–8
4
3
2
1
D1
B260A or
SS26
Fixed Version
Adjustable Version
SW
GND
FB
COUT
VIN
IN
VOUT
MIC4680-x.x
Internal
Regulator
SHDN
200kHz
Oscillator
Thermal
Shutdown
Reset
Current
Limit
Com-
parator
Error
Amp
1A
Switch
Driver
1.23V
Bandgap
Reference
SW
FB
R1
R2
COUT
VIN
IN
VOUT
MIC4680 [adj.]
Internal
Regulator
SHDN
200kHz
Oscillator
Thermal
Shutdown
Reset
Current
Limit
Com-
parator
Error
Amp
1A
Switch
Driver
1.23V
Bandgap
Reference
VV
R1
R2
1
R1 R2
V
V
1
V
1.23V
OUT
REF
OUT
REF
REF
=+
=-
=
(
(
)
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com